Electronic Components Datasheet Search
  English  ▼

X  

TPS737 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS737
Description  TPS737 1A, Low-Dropout Regulator With Reverse Current Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS737 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS737 Datasheet HTML 14Page - Texas Instruments TPS737 Datasheet HTML 15Page - Texas Instruments TPS737 Datasheet HTML 16Page - Texas Instruments TPS737 Datasheet HTML 17Page - Texas Instruments TPS737 Datasheet HTML 18Page - Texas Instruments TPS737 Datasheet HTML 19Page - Texas Instruments TPS737 Datasheet HTML 20Page - Texas Instruments TPS737 Datasheet HTML 21Page - Texas Instruments TPS737 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
VOUT
1.2 V
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
R1
Short
23.2 kW
28.0 kW
39.2 kW
44.2 kW
46.4 kW
52.3 kW
R2
Open
95.3 kW
56.2 kW
36.5 kW
33.2 kW
30.9 kW
30.1 kW
NOTE: VOUT = (R1 + R2)/R2 ´ 1.204;
R1 || R2 @ 19 kW for best
accuracy.
Servo
Error
Amp
Ref
Current
Limit
Thermal
Protection
Bandgap
OUT
FB
R
1
R
2
EN
GND
IN
80 kW
8 k W
27 kW
4-MHZ
Charge Pump
Standard 1% Resistor Values
for Common Output Voltages
Figure 6-2. Adjustable-Voltage Version
6.3 Feature Description
6.3.1 Output Noise
A precision band-gap reference is used to generate the internal reference voltage, Vref. This reference is the
dominant noise source within the TPS737xx and generates approximately 32 μVRMS (10 Hz to 100 kHz) at
the reference output (NR). The regulator control loop gains up the reference noise with the same gain as the
reference voltage, so that the noise voltage of the regulator is approximately given by:
OUT
1
2
N
RMS
RMS
2
REF
V
(R
R )
V
32 V
32 V
R
V
+
=
m
´
=
m
´
(1)
Because the value of VR is 1.2 V, this relationship reduces to the following equation for the case of no CNR.
RMS
N
RMS
OUT
V
V ( V
)
27
V
(V)
V
m
æ
ö
m
=
´
ç
÷
è
ø
(2)
An internal 27-kΩ resistor in series with the noise-reduction pin (NR) forms a low-pass filter for the voltage
reference when an external noise-reduction capacitor, CNR, is connected from NR to ground. For CNR = 10
nF, the total noise in the 10-Hz to 100-kHz bandwidth is reduced by a factor of approximately 3.2, giving the
approximate relationship in the following equation for CNR = 10 nF.
V
V
N
RMS
(m
)=8.5
(V)
x V
OUT
()
mVRMS
V
(3)
This noise reduction effect is shown as RMS Noise Voltage vs CNR in the Typical Characteristics section.
The TPS73701 adjustable version does not have the NR pin available. However, connecting a feedback
capacitor, CFB, from the output to the feedback pin (FB) reduces output noise and improves load transient
performance. Limit this capacitor to 0.1 µF.
TPS737
SBVS067W – JANUARY 2006 – REVISED AUGUST 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS737



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com