Electronic Components Datasheet Search
  English  ▼

X  

TPS737 Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS737
Description  TPS737 1A, Low-Dropout Regulator With Reverse Current Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS737 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS737 Datasheet HTML 18Page - Texas Instruments TPS737 Datasheet HTML 19Page - Texas Instruments TPS737 Datasheet HTML 20Page - Texas Instruments TPS737 Datasheet HTML 21Page - Texas Instruments TPS737 Datasheet HTML 22Page - Texas Instruments TPS737 Datasheet HTML 23Page - Texas Instruments TPS737 Datasheet HTML 24Page - Texas Instruments TPS737 Datasheet HTML 25Page - Texas Instruments TPS737 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
7.2.3 Application Curves
10k
10
90
80
70
60
50
40
30
20
10
0
100
1k
100k
1M
10M
Frequency(Hz)
I
=1mA
OUT
C
=1mF
OUT
I
=1mA
OUT
C
=Any
OUT
I
=1mA
OUT
C
=10mF
OUT
I
=100mA
OUT
C
=Any
OUT
I
=100mA
OUT
C
=10mF
OUT
I =100mA
O
C =1mF
O
Legacy silicon
Figure 7-3. PSRR (Ripple Rejection) vs Frequency
New silicon
Figure 7-4. PSRR (Ripple Rejection) vs Frequency
1
0.1
0.01
10
100
1k
10k
100k
Frequency(Hz)
C
=1 F
m
OUT
C
=10 F
m
OUT
I
=150mA
OUT
Legacy silicon
Figure 7-5. Noise Spectral Density
New silicon
Figure 7-6. Noise Spectral Density
6
5
4
3
2
1
0
-1
-2
50ms/div
V
IN
V
OUT
Legacy silicon
Figure 7-7. TPS73701, VOUT = 3.3-V Power-Up and Power-Down
New silicon
Figure 7-8. TPS73701, VOUT = 3.3-V Power-Up and Power-Down
TPS737
SBVS067W – JANUARY 2006 – REVISED AUGUST 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS737



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com