Electronic Components Datasheet Search
  English  ▼

X  

TPS737 Datasheet(PDF) 36 Page - Texas Instruments

Part # TPS737
Description  TPS737 1A, Low-Dropout Regulator With Reverse Current Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS737 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS737 Datasheet HTML 32Page - Texas Instruments TPS737 Datasheet HTML 33Page - Texas Instruments TPS737 Datasheet HTML 34Page - Texas Instruments TPS737 Datasheet HTML 35Page - Texas Instruments TPS737 Datasheet HTML 36Page - Texas Instruments TPS737 Datasheet HTML 37Page - Texas Instruments TPS737 Datasheet HTML 38Page - Texas Instruments TPS737 Datasheet HTML 39Page - Texas Instruments TPS737 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
18-Jul-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TPS73701DCQR
SOT-223
DCQ
6
2500
366.0
364.0
50.0
TPS73701DCQRG4
SOT-223
DCQ
6
2500
366.0
364.0
50.0
TPS73701DCQRM3
SOT-223
DCQ
6
2500
366.0
364.0
50.0
TPS73701DRBR
SON
DRB
8
3000
367.0
367.0
35.0
TPS73701DRBRM3
SON
DRB
8
3000
367.0
367.0
35.0
TPS73701DRBT
SON
DRB
8
250
210.0
185.0
35.0
TPS73701DRVR
WSON
DRV
6
3000
213.0
191.0
35.0
TPS73701DRVT
WSON
DRV
6
250
213.0
191.0
35.0
TPS73718DCQR
SOT-223
DCQ
6
2500
356.0
356.0
36.0
TPS73718DCQRG4
SOT-223
DCQ
6
2500
346.0
346.0
29.0
TPS73718DRBR
SON
DRB
8
3000
367.0
367.0
35.0
TPS73718DRBRM3
SON
DRB
8
3000
367.0
367.0
35.0
TPS73725DCQR
SOT-223
DCQ
6
2500
366.0
364.0
50.0
TPS73725DCQRM3
SOT-223
DCQ
6
2500
366.0
364.0
50.0
TPS73730DRBR
SON
DRB
8
3000
367.0
367.0
35.0
TPS73730DRBRM3
SON
DRB
8
3000
367.0
367.0
35.0
TPS73733DCQR
SOT-223
DCQ
6
2500
366.0
364.0
50.0
TPS73733DCQRG4
SOT-223
DCQ
6
2500
346.0
346.0
41.0
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com