Electronic Components Datasheet Search
  English  ▼

X  

TPS737 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS737
Description  TPS737 1A, Low-Dropout Regulator With Reverse Current Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS737 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS737 Datasheet HTML 6Page - Texas Instruments TPS737 Datasheet HTML 7Page - Texas Instruments TPS737 Datasheet HTML 8Page - Texas Instruments TPS737 Datasheet HTML 9Page - Texas Instruments TPS737 Datasheet HTML 10Page - Texas Instruments TPS737 Datasheet HTML 11Page - Texas Instruments TPS737 Datasheet HTML 12Page - Texas Instruments TPS737 Datasheet HTML 13Page - Texas Instruments TPS737 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
5.7 Typical Characteristics (continued)
for all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 1 V, IOUT = 10 mA, VEN = 2.2 V, and COUT = 2.2 μF (unless otherwise
noted)
3000
2500
2000
1500
1000
500
0
-50
-25
0
25
50
75
100
125
Temperature(°C)
I
=1A
OUT
V
=5.0V
IN
V
=3.3V
IN
V
=2.2V
IN
Legacy silicon
Figure 5-13. Ground Pin Current vs Temperature
Te mperature (
C)
-50
-25
0
25
50
75
100
125
0
500
1,000
1,500
2,000
2,500
3,000
IOUT = 1A
VIN = 2.2V
VIN = 3.3V
VIN = 5.0V
New silicon
Figure 5-14. Ground Pin Current vs Temperature
1
0.1
0.01
-50
-25
0
25
50
75
100
125
Temperature (°C)
V
=0.5V
ENABLE
V
=V
+0.5V
IN
OUT
Legacy silicon
Figure 5-15. Ground Pin Current in Shutdown vs Temperature
New silicon
Figure 5-16. Ground Pin Current in Shutdown vs Temperature
-0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
Output Voltage (V)
I
CL
I
SC
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0
0.5
V
= 3.3V
OUT
Legacy silicon
Figure 5-17. Current Limit vs VOUT (Foldback)
New silicon
Figure 5-18. Current Limit vs VOUT (Foldback)
TPS737
SBVS067W – JANUARY 2006 – REVISED AUGUST 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS737



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com