Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF86 Datasheet(PDF) 18 Page - Texas Instruments

Part # DAC38RF86
Description  DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF86 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 14Page - Texas Instruments DAC38RF86 Datasheet HTML 15Page - Texas Instruments DAC38RF86 Datasheet HTML 16Page - Texas Instruments DAC38RF86 Datasheet HTML 17Page - Texas Instruments DAC38RF86 Datasheet HTML 18Page - Texas Instruments DAC38RF86 Datasheet HTML 19Page - Texas Instruments DAC38RF86 Datasheet HTML 20Page - Texas Instruments DAC38RF86 Datasheet HTML 21Page - Texas Instruments DAC38RF86 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 147 page
background image
18
DAC38RF86, DAC38RF96
DAC38RF87, DAC38RF97
SLASEF4B – FEBRUARY 2017 – REVISED JULY 2017
www.ti.com
Product Folder Links: DAC38RF86 DAC38RF96 DAC38RF87 DAC38RF97
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics - AC Specifications (continued)
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, internal PLL/VCO clock mode, 12x
Interpolation, 0 dBFS, fOUT = 2.14 GHz, I(OUTFS) = 40 mA, nominal supplies, LMFSHd = 84111, unless otherwise noted.
PARAMETER
TEST CONDITIONS
DAC38RF87/97
DAC38RF86/96
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Isolatio
n
Isolation between DAC A and
DAC B analog output
fOUT = 1856 MHz
60
60
dBc
fOUT = 3105 MHz
55
55
AC PERFORMANCE – Modulated Signals
ACPR
WCDMA 1 carrier adjacent
channel power ratio
fCLK = 5898.24 MHz, fOUT = 950 MHz
77
dBc
fCLK = 5898.24 MHz, fOUT = 2140 MHz
73
fCLK = 8847.36 MHz , fOUT = 950 MHz
75
fCLK = 8847.36 MHz, fOUT = 2140 MHz
69
Alt-
ACLR
WCDMA 1 carrier alternate
channel ACPR
fCLK = 5898.24 MHz , fOUT = 950 MHz
82
dBc
fCLK = 5898.24 MHz, fOUT = 2140 MHz
78
fCLK = 8847.36 MHz , fOUT = 950 MHz
81
fCLK = 8847.36 MHz, fOUT = 2140 MHz
77
LTE20
20 MHz LTE adjacent channel
power ratio
fCLK = 5898.24 MHz, fOUT = 800 MHz
75
dBc
fCLK = 5898.24 MHz, fOUT = 2650 MHz
69
fCLK = 8847.36 MHz , fOUT = 800 MHz
73
fCLK = 8847.36 MHz, fOUT = 2650 MHz
67
fCLK = 8847.36 MHz, fOUT = 3700 MHz
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com