Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF86 Datasheet(PDF) 69 Page - Texas Instruments

Part # DAC38RF86
Description  DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF86 Datasheet(HTML) 69 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 65Page - Texas Instruments DAC38RF86 Datasheet HTML 66Page - Texas Instruments DAC38RF86 Datasheet HTML 67Page - Texas Instruments DAC38RF86 Datasheet HTML 68Page - Texas Instruments DAC38RF86 Datasheet HTML 69Page - Texas Instruments DAC38RF86 Datasheet HTML 70Page - Texas Instruments DAC38RF86 Datasheet HTML 71Page - Texas Instruments DAC38RF86 Datasheet HTML 72Page - Texas Instruments DAC38RF86 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 147 page
background image
69
DAC38RF86, DAC38RF96
DAC38RF87, DAC38RF97
www.ti.com
SLASEF4B – FEBRUARY 2017 – REVISED JULY 2017
Product Folder Links: DAC38RF86 DAC38RF96 DAC38RF87 DAC38RF97
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Register Maps (continued)
Table 42. Register Summary (continued)
Address
Reset
Acronym
Register Name
Section
0x29
0x0000
PAP_GAIN_AB
PAP path AB Gain Attenuation Step
8.5.31
0x2A
0x0000
PAP_WAIT_AB
PAP path AB Wait Time at Gain = 0
8.5.32
0x2B
0x0000
PAP_GAIN_CD
PAP path CD Gain Attenuation Step
8.5.33
0x2C
0x0000
PAP_WAIT_CD
PAP path CD Wait Time at Gain = 0
8.5.34
0x2D
0x1FFF
PAP_CFG_AB
PAP path AB Configuration
8.5.35
0x2E
0x1FFF
PAP_CFG_CD
PAP path CD Configuration
8.5.36
0x2F
0x0000
SPIDAC_TEST1
Configuration for DAC SPI Constant
8.5.37
0x30
0x0000
SPIDAC_TEST2
DAC SPI Constant
8.5.38
0x31
0x0000
Reserved
Reserved
0x32
0x0800
GAINAB
Gain for path AB
8.5.39
0x33
0x0800
GAINCD
Gain for path CD
8.5.40
0x34-0x40
0x0000
Reserved
Reserved
0x41
0x0000
JESD_ERR_CNT
JESD Error Counter
8.5.41
0x42-0x45
0x0000
Reserved
Reserved
0x46
0x0044
JESD_ID1
JESD ID 1
8.5.42
0x47
0x190A
JESD_ID2
JESD ID 2
8.5.43
0x48
0x31C3
JESD_ID3
JESD ID 3 and Subclass
8.5.44
0x49
0x0000
Reserved
Reserved
0x4A
0x0003
JESD_LN_EN
JESD Lane Enable
8.5.45
0x4B
0x1300
JESD_RBD_F
JESD RBD Buffer and Frame Octets
8.5.46
0x4C
0x1303
JESD_K_L
JESD K and L Parameters
8.5.47
0x4D
0x0100
JESD_M_S
JESD M and S Parameters
8.5.48
0x4E
0x0F4F
JESD_N_HD_SCR
JESD N, HD and SCR Parameters
8.5.49
0x4F
0x1CC1
JESD_MATCH
JESD Character Match and Other
8.5.50
0x50
0x0000
JESD_LINK_CFG
JESD Link Configuration Data
8.5.51
0x51
0x00FF
JESD_SYNC_REQ
JESD Sync Request
8.5.52
0x52
0x00FF
JESD_ERR_OUT
JESD Error Output
8.5.53
0x53
0x0100
JESD_ILA_CFG1
JESD Configuration Value used for ILA
Check
8.5.54
0x54
0x8E60
JESD_ILA_CFG2
JESD Configuration Value used for ILA
Check
8.5.55
0x55-0x5B
0x0000
Reserved
Reserved
0x5C
0x0001
JESD_SYSR_MODE
JESD SYSREF Mode
8.5.56
0x5D-0x5E
0x0000
Reserved
Reserved
0x5F
0x0123
JESD_CROSSBAR1
JESD Crossbar Configuration 1
8.5.57
0x60
0x4567
JESD_CROSSBAR2
JESD Crossbar Configuration 2
8.5.58
0x61-0x63
0x0000
Reserved
Reserved
0x64
0x0000
JESD_ALM_L0
JESD Alarms for Lane 0
8.5.59
0x65
0x0000
JESD_ ALM_L1
JESD Alarms for Lane 1
8.5.60
0x66
0x0000
JESD_ ALM_L2
JESD Alarms for Lane 2
8.5.61
0x67
0x0000
JESD_ALM_L3
JESD Alarms for Lane 3
8.5.62
0x68
0x0000
JESD_ALM_L4
JESD Alarms for Lane 4
8.5.63
0x69
0x0000
JESD_ALM_L5
JESD Alarms for Lane 5
8.5.64
0x6A
0x0000
JESD_ALM_L6
JESD Alarms for Lane 6
8.5.65
0x6B
0x0000
JESD_ALM_L7
JESD Alarms for Lane 7
8.5.66
0x6C
0x0000
ALM_SYSREF_PAP
SYSREF and PAP Alarms
8.5.67
0x6D
0x0000
ALM_CLKDIV1
Clock Divider Alarms 1
8.5.68
0x6E-0x77
0x0000
Reserved
Reserved
Miscellaneous Configuration Registers (PAGE_SET[1:0] = 00, PAGE_SET[2] = 1)
0x0A
0xFC03
CLK_CONFIG
Clock Configuration
8.5.69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com