Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF86 Datasheet(PDF) 63 Page - Texas Instruments

Part # DAC38RF86
Description  DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF86 Datasheet(HTML) 63 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 59Page - Texas Instruments DAC38RF86 Datasheet HTML 60Page - Texas Instruments DAC38RF86 Datasheet HTML 61Page - Texas Instruments DAC38RF86 Datasheet HTML 62Page - Texas Instruments DAC38RF86 Datasheet HTML 63Page - Texas Instruments DAC38RF86 Datasheet HTML 64Page - Texas Instruments DAC38RF86 Datasheet HTML 65Page - Texas Instruments DAC38RF86 Datasheet HTML 66Page - Texas Instruments DAC38RF86 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 147 page
background image
FS
IOUT
IOUT +
IOUT-
VDEE18N
(-1.8V)
VOUT1/2+
VOUT1/2-
100 :
Zext+
Zext-
VDDOUT18
IOUT+
IOUT-
63
DAC38RF86, DAC38RF96
DAC38RF87, DAC38RF97
www.ti.com
SLASEF4B – FEBRUARY 2017 – REVISED JULY 2017
Product Folder Links: DAC38RF86 DAC38RF96 DAC38RF87 DAC38RF97
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 40. DAC output current (continued)
DACFS ( 8.5.72)
Signal current (mA)
Total bias current (mA)(1)
10
30
6
11
32
7
12
34
7
13
36
8
14
38
8
15
40
9
An external decoupling capacitor CEXT of 0.1 μF should be connected externally to terminal EXTIO for
compensation. RBIAS of 3.6 kΩ is recommended for setting the full-scale output current.
8.3.28 Current Steering DAC Architecture
The DACs in the DAC38RFxx consist of a segmented array of NMOS current sources, capable of sinking a full-
scale output current up to 40 mA (see Figure 55). Differential current switches direct the current to either one of
the complimentary output nodes VOUT1/2+ or VOUT1/2-. These complementary output nodes are internal to the
device because of the integrated balun.Complimentary output currents enable differential operation, thus
canceling out common mode noise sources (digital feed-through, on-chip and PCB noise), dc offsets, even order
distortion components, and increasing signal output power by a factor of four.
Figure 55. Current Steering DAC Architecture
Referring to Figure 55, the total output current IOUTFS is fixed, and is switched to either the + or – output by
switches S(N):
(11)
Since the output stage is a current sinking architecture, we will denote current into the DAC as + current, and the
current flows IOUT+ and IOUT- into terminals VOUT1/2+ and VOUT1/2- respectively. IOUT+ and IOUT- can be
expressed as:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com