Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF86 Datasheet(PDF) 57 Page - Texas Instruments

Part # DAC38RF86
Description  DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF86 Datasheet(HTML) 57 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 53Page - Texas Instruments DAC38RF86 Datasheet HTML 54Page - Texas Instruments DAC38RF86 Datasheet HTML 55Page - Texas Instruments DAC38RF86 Datasheet HTML 56Page - Texas Instruments DAC38RF86 Datasheet HTML 57Page - Texas Instruments DAC38RF86 Datasheet HTML 58Page - Texas Instruments DAC38RF86 Datasheet HTML 59Page - Texas Instruments DAC38RF86 Datasheet HTML 60Page - Texas Instruments DAC38RF86 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 147 page
background image
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
–4
–3
–2
–1
0
1
2
3
4
f/f
DAC
G056
sin(x)/x
Corrected
FIR4
_
_
2
2
u
u
CD
INPUTCD
CMIX
CD
INPUTCD
CMIX
CD
Output
I
cos
ŒI
W
4
VLQ
ŒI
W
_
_
2
2
u
u
AB
INPUTAB
CMIX
AB
INPUTAB
CMIX
AB
Output
I
cos
ŒI
W
4
VLQ
ŒI
W
57
DAC38RF86, DAC38RF96
DAC38RF87, DAC38RF97
www.ti.com
SLASEF4B – FEBRUARY 2017 – REVISED JULY 2017
Product Folder Links: DAC38RF86 DAC38RF96 DAC38RF87 DAC38RF97
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(5)
(6)
Where fCMIX_AB and fCMIX_CD and the fixed mixing frequency selected by fields CMIX_AB or CMIX_CD in register
CMIX (8.5.21). The coarse mixer blocks are disabled by setting CMIX_AB and CMIX_CD to 0x0.
The NCO and coarse mixers can be enabled simultaneously, although this is not useful in most cases as the full
frequency range can be covered by the NCO.
8.3.17.6 Inverse Sinc Filter
The DAC38RFxx have a 9-tap inverse Sinc filter (INVSINC) that runs at the DAC update rate (fDAC) that can be
used to flatten the frequency response of the sample-and-hold output. The DAC sample-and-hold output sets the
output current and holds it constant for one DAC clock cycle until the next sample, resulting in the well known
sin(x)/x or Sinc(x) frequency response (Figure 51, red line). The inverse sinc filter response (Figure 51, blue line)
has the opposite frequency response from 0 to 0.4 x fDAC, resulting in the combined response (Figure 51, green
line). Between 0 to 0.4 x fDAC, the inverse sinc filter compensates the sample-and-hold roll-off with less than 0.03
dB error.
The inverse sinc filter has a gain > 1 at all frequencies. Therefore, the signal input to INVSINC must be reduced
from full scale to prevent saturation in the filter. The amount of back-off required depends on the signal
frequency, andis set such that at the signal frequencies the combination of the input signal and filter response is
less than 1 (0 dB). For example, if the signal input to INVSINC is at 0.25 x fDAC, the response of INVSINC is 0.9
dB, and the signal must be backed off from full scale by 0.9 dB to avoid saturation. The advantage of INVSINC
having a positive gain at all frequencies is that the user is then able to optimize the back-off of the signal based
on its frequency.
The inverse Sinc filters are enabled by field ISFIR_ENA in register MULTIDUC_CFG1 (9.5.9).
Figure 51. Composite Magnitude Spectrum for INVSINC
8.3.17.7 Summation Block for Dual DUC Modes
When using the dual DUC modes, the outputs of the two AQM blocks are summed together to form a composite
signal for the DAC output, configured by field OUTSUM_SEL in register OUTSUM (8.5.22). The input signals to
the DUCs much be scaled such that the signal does not exceed fullscale during summation. This field can also
be configures to add the signals from the adjacent multi-DUC to enable a four DUC signal.
8.3.18 PA Protection Block
The DAC38RFxx incorporates an optional power amplifier protection (PAP) block to monitor when the input
signal is two large, for example when an interface error occurs, and reduces the output signal power of the DAC.
The PAP block achieves the functionality of reducing the input signal that crosses the threshold through three
main sub-blocks. These are PAP trigger generation block, PAP gain state machine and GAIN block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com