Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF86 Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC38RF86
Description  DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF86 Datasheet(HTML) 3 Page - Texas Instruments

  DAC38RF86 Datasheet HTML 1Page - Texas Instruments DAC38RF86 Datasheet HTML 2Page - Texas Instruments DAC38RF86 Datasheet HTML 3Page - Texas Instruments DAC38RF86 Datasheet HTML 4Page - Texas Instruments DAC38RF86 Datasheet HTML 5Page - Texas Instruments DAC38RF86 Datasheet HTML 6Page - Texas Instruments DAC38RF86 Datasheet HTML 7Page - Texas Instruments DAC38RF86 Datasheet HTML 8Page - Texas Instruments DAC38RF86 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 147 page
background image
3
DAC38RF86, DAC38RF96
DAC38RF87, DAC38RF97
www.ti.com
SLASEF4B – FEBRUARY 2017 – REVISED JULY 2017
Product Folder Links: DAC38RF86 DAC38RF96 DAC38RF87 DAC38RF97
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Revision History (continued)
•
Changed JESD204B frame format for LMFSHd=48310 in Table 22 ................................................................................... 37
•
Changed Table 33 ................................................................................................................................................................ 50
•
Changed register field programming values for LMFSHd=24410 and 24310 in Table 36 ................................................... 55
•
Changed the bit positions of N_M1 register field in Table 37 ............................................................................................. 55
•
Changed the bit positions of N_M1' N_M1’ (NPRIME_M1) register field in Table 37 ......................................................... 55
•
Deleted ISFIRCD_ENA and ISFIR_AB regsiter fields. Added ISFIR_ENA register field in Inverse Sinc Filter ................... 57
•
Changed the description of DAC PLL alarm in Alarm Monitoring ........................................................................................ 60
•
Changed from BIST_ENA to Reserved in Table 56 ............................................................................................................ 80
•
Changed from BIST_ZERO to Reserved in Table 56 ......................................................................................................... 80
•
Changed the description of OUTSUM_SEL field in Table 64 ............................................................................................. 86
•
Changed the junction temp and loop filter voltage range for PLL tuning in Figure 150 .................................................... 130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com