Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF86 Datasheet(PDF) 64 Page - Texas Instruments

Part # DAC38RF86
Description  DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF86 Datasheet(HTML) 64 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 60Page - Texas Instruments DAC38RF86 Datasheet HTML 61Page - Texas Instruments DAC38RF86 Datasheet HTML 62Page - Texas Instruments DAC38RF86 Datasheet HTML 63Page - Texas Instruments DAC38RF86 Datasheet HTML 64Page - Texas Instruments DAC38RF86 Datasheet HTML 65Page - Texas Instruments DAC38RF86 Datasheet HTML 66Page - Texas Instruments DAC38RF86 Datasheet HTML 67Page - Texas Instruments DAC38RF86 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 147 page
background image
50 :
RLOAD
VOUT1/2
FS
IOUT
CODE
IOUT-
16383
16384
u
FS
IOUT
CODE
IOUT+
16384
u
64
DAC38RF86, DAC38RF96
DAC38RF87, DAC38RF97
SLASEF4B – FEBRUARY 2017 – REVISED JULY 2017
www.ti.com
Product Folder Links: DAC38RF86 DAC38RF96 DAC38RF87 DAC38RF97
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(12)
(13)
where CODE is the decimal representation of the 14-bit DAC core data input word. Note the signal path up to the
DAC is 16-bits and the 2 LSBs are truncated for the DAC core data input word.
8.3.29 DAC Transfer Function
The DAC38RFxx has a wide bandwidth integrated balun (nominally 700 MHz to 3.8 GHz passband) to convert
the DAC core differential signal to a single ended signal. The single ended output is expected to drive a 50-Ω
load (see Figure 56). With full-scale current of 40 mA, the theoretical output power delivered to a 50-Ω load is 4
dBm. However the actual power delivered will be less than the theoretical value and Figure 13 shows the output
power across frequency.
Figure 56. Driving a 50-Ω Load
8.4 Device Functional Modes
8.4.1 Clocking Modes
The DAC38RFxx has both a single ended clock input DACCLKSE and a differential clock input DACCLK+/- to
clock the device. The clock input is selected by field SEL_EXTCLK_DIFFSE in register CLK_PLL_CFG (8.5.79).
The DAC38RFxx can be clocked directly with a high frequency input clock at the DAC sample rate (PLL Bypass
Mode), or an optional on-chip low-jitter phase-locked loop (PLL) can be used to generate the high frequency
DAC sample clock internally from a lower frequency reference clock input (PLL Mode).
8.4.2 PLL Bypass Mode Programming
In PLL bypass mode a high quality clock is sourced to the DACCLK inputs. This clock is used to directly clock
the DAC38RFxx DAC cores. This mode gives the device best performance and is recommended for extremely
demanding applications.
The bypass mode is selected by setting the following:
1. Set field PLL_ENA in register CLK_PLL_CFG (8.5.79) to “0” to bypass the PLL circuitry.
2. Set field PLL_SLEEP in register SLEEP_CONFIG (8.5.70) to “1” to put the PLL and VCO into sleep mode.
8.4.3 Internal PLL/VCO
The DAC38RFxx has an internal clock generation circuit consisting of a PLL and two identical VCOs connected
in parallel, as shown in Figure 57.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com