Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF86 Datasheet(PDF) 30 Page - Texas Instruments

Part # DAC38RF86
Description  DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF86 Datasheet(HTML) 30 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 26Page - Texas Instruments DAC38RF86 Datasheet HTML 27Page - Texas Instruments DAC38RF86 Datasheet HTML 28Page - Texas Instruments DAC38RF86 Datasheet HTML 29Page - Texas Instruments DAC38RF86 Datasheet HTML 30Page - Texas Instruments DAC38RF86 Datasheet HTML 31Page - Texas Instruments DAC38RF86 Datasheet HTML 32Page - Texas Instruments DAC38RF86 Datasheet HTML 33Page - Texas Instruments DAC38RF86 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 147 page
background image
DACCLK+
DACCLK-
DACCLKSE
0
1
SEL_EXTCLK_DIFFSE
DAC PLL
Predivider
0
1
SERDES_REFCLK_SEL
divider
SERDES_REFCLK_DIV
SERDES_REFCLK_PREDIV
SERDES
PLL
REFCLK
30
DAC38RF86, DAC38RF96
DAC38RF87, DAC38RF97
SLASEF4B – FEBRUARY 2017 – REVISED JULY 2017
www.ti.com
Product Folder Links: DAC38RF86 DAC38RF96 DAC38RF87 DAC38RF97
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3.2 SerDes Rate
The DAC38RFxx has eight configurable JESD204B serial lanes. The highest speed of each SerDes lane is 12.5
Gbps. Because the primary operating frequency of the SerDes is determined by its reference clock and PLL
multiplication factor, there is a limit on the lowest SerDes rate supported. To support lower speed application,
each receiver should be configured to operate at half, quarter or eighth of the full rate via field RATE in register
SRDS_CFG2 (8.5.87). Refer to Table 2 for details.
Table 2. Lane Rate Selection
RATE
EFFECT
00
Full rate. Four data samples taken per SerDes PLL output clock cycle.
01
Half rate. Two data samples taken per SerDes PLL output clock cycle.
10
Quarter rate. One data samples taken per SerDes PLL output clock cycle.
11
Eighth rate. One data samples taken every two SerDes PLL output clock cycles.
8.3.3 SerDes PLL
The DAC38RFxx has two integrated PLLs, one PLL is to provide the clocking of DAC; the other PLL is to provide
the clocking for the high speed SerDes. The reference frequency of the SerDes PLL can be in the range of 100-
800 MHz nominal, and 300-800 MHz optimal. The reference frequency is derived from DACCLK divided down by
the value in field SerDes_REFCLK_DIV in register SRDS_CLK_CFG (8.5.84), as shown in Figure 36. Field
SerDes_CLK_SEL in register SRDS_CLK_CFG (8.5.84) determines if the DACCLK input or DAC PLL output is
used as the source of the SerDes PLL reference. If the DACCLK input is used, a pre-divider set by field
SerDes_REFCLK_PREDIV in register SRDS_CLK_CFG (8.5.84) should be used to reduce the frequency of the
DACCLK.
Figure 36. Reference Clock of SerDes PLL
During normal operation, the clock generated by PLL is 4-25 times the reference frequency, according to the
multiply factor selected via the field MPY] in register SRDS_PLL_CFG (8.5.85). In order to select the appropriate
multiply factor and reference clock frequency, it is first necessary to determine the required PLL output clock
frequency. The relationship between the PLL output clock frequency and the lane rate is determined by field
RATE in register SRDS_CFG2 (8.5.87) is shown in Table 3. Having computed the PLL output frequency, the
reference frequency can be obtained by dividing this by the multiply factor specified via MPY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com