Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF86 Datasheet(PDF) 45 Page - Texas Instruments

Part # DAC38RF86
Description  DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF86 Datasheet(HTML) 45 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 41Page - Texas Instruments DAC38RF86 Datasheet HTML 42Page - Texas Instruments DAC38RF86 Datasheet HTML 43Page - Texas Instruments DAC38RF86 Datasheet HTML 44Page - Texas Instruments DAC38RF86 Datasheet HTML 45Page - Texas Instruments DAC38RF86 Datasheet HTML 46Page - Texas Instruments DAC38RF86 Datasheet HTML 47Page - Texas Instruments DAC38RF86 Datasheet HTML 48Page - Texas Instruments DAC38RF86 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 147 page
background image
45
DAC38RF86, DAC38RF96
DAC38RF87, DAC38RF97
www.ti.com
SLASEF4B – FEBRUARY 2017 – REVISED JULY 2017
Product Folder Links: DAC38RF86 DAC38RF96 DAC38RF87 DAC38RF97
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 26. ws_core Chain
FIELD
DESCRIPTION
HEAD (STARTING FROM THE MSB OF CHAIN)
RETIME
No function.
ENPLL
PLL enable.
MPY[7:0]
PLL multiply.
VRANGE
VCO range.
ENDIVCLK
Enable DIVCLK output
LB[1:0]
Loop bandwidth
RECEIVER (FOR EACH LANE 0,1,2,3)
ENRX
Receiver enable.
SLEEPRX
Receiver sleep mode.
BUSWIDTH[2:0]
Bus width.
RATE[1:0]
Operating rate.
INVPAIR
Invert polarity.
TERM[2:0]
Termination.
ALIGN[1:0]
Symbol alignment.
LOS[2:0]
Loss of signal enable.
CDR[2:0]
Clock/data recovery.
EQ[2:0]
Equalizer.
EQHLD
Equalizer hold.
ENOC
Offset compensation.
LOOPBACK[1:0]
Loopback.
BSINRXP
Boundary scan initialization.
BSINRXN
Boundary scan initialization.
RESERVED
Reserved.
Testpatt[2:0]
Test pattern selection.
TESTFAIL
Test failure (real time).
LOSTDTCT
Loss of signal detected (real time).
BSRXP
Boundary scan data.
BSRXN
Boundary scan data.
OCIP
Offset compensation in progress.
EQOVER
Receiver signal over equalized.
EQUNDER
Receiver signal under equalized.
LOSTDTCT
Loss of signal detected (sticky).
SYNC
Re-alignment done, or aligned comma output
(sticky).
RETIME
No function.
TAIL (ENDING WITH THE LSB CHAIN)
CLKBYP[1:0]
Clock bypass.
SLEEPPLL
PLL sleep mode.
RESERVED
Reserved.
LOCK
PLL lock (real time).
BSINITCLK
Boundary scan initialization clock.
ENBSTX
Enable TX boundary scan.
ENBSRX
Enable RX boundary scan.
ENBSPT
RX pulse boundary scan.
RESERVED
Reserved.
NEARLOCK
PLL near to lock.
UNLOCK
PLL lock (sticky).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com