Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF86 Datasheet(PDF) 32 Page - Texas Instruments

Part # DAC38RF86
Description  DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF86 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 28Page - Texas Instruments DAC38RF86 Datasheet HTML 29Page - Texas Instruments DAC38RF86 Datasheet HTML 30Page - Texas Instruments DAC38RF86 Datasheet HTML 31Page - Texas Instruments DAC38RF86 Datasheet HTML 32Page - Texas Instruments DAC38RF86 Datasheet HTML 33Page - Texas Instruments DAC38RF86 Datasheet HTML 34Page - Texas Instruments DAC38RF86 Datasheet HTML 35Page - Texas Instruments DAC38RF86 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 147 page
background image
108
414
Log10MHz
-6.3
6
dB
Frequency
32
DAC38RF86, DAC38RF96
DAC38RF87, DAC38RF97
SLASEF4B – FEBRUARY 2017 – REVISED JULY 2017
www.ti.com
Product Folder Links: DAC38RF86 DAC38RF96 DAC38RF87 DAC38RF97
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
A free running clock output is available when field ENDIVCLK in register SRDS_PLL_CFG (8.5.85) is set high. It
runs at a fixed divided-by-80 of the PLL output frequency and can be output on the ALARM pin by setting field
DTEST to “0001” (lanes 0 – 3) or “0010” (lanes 4 – 7) in register DTEST (8.5.76).
8.3.4 SerDes Equalizer
All channels of the DAC38RFxx incorporate an adaptive equalizer, which can compensate for channel insertion
loss by attenuating the low frequency components with respect to the high frequency components of the signal,
thereby reducing inter-symbol interference. Figure 37 shows the response of the equalizer, which can be
expressed in terms of the amount of low frequency gain and the frequency up to which this gain is applied (i.e.,
the frequency of the ’zero’). Above the zero frequency, the gain increases at 6 dB/octave until it reaches the high
frequency gain.
Figure 37. Equalizer Frequency Response
The equalizer can be configured via fields EQ and EQHLD in register SRDS_CFG1 (8.5.86). Table 6 and Table 7
summarize the options. When enabled, the receiver equalization logic analyzes data patterns and transition times
to determine whether the low frequency gain should be increased or decreased. The decision logic is
implemented as a voting algorithm with a relatively long analysis interval. The slow time constant that results
reduces the probability of incorrect decisions but allows the equalizer to compensate for the relatively stable
response of the channel. The lock time for the adaptive equalizer is data dependent, and so it is not possible to
specify a generally applicable absolute limit. However, assuming random data, the maximum lock time will be
6x106 divided by the CDR activity level. For field CDR in register SRDS_CFG1 (8.5.86) = 110, the activity level
is 1.5 x 106 UI.
When EQ = 0, finer control of gain boost is available using the EQBOOST IEEE1500 tuning chain field, as shown
in Table 8.
Table 6. Receiver Equalization Configuration
EQ
EFFECT
[1-0]
00
No equalization. The equalizer provides a flat response at the maximum gain. This setting may be
appropriate if jitter at the receiver occurs predominantly as a result of crosstalk rather than
frequency dependent loss.
01
Fully adaptive equalization. The zero position is determined by the selected operating rate, and the
low frequency gain of the equalizer is determined algorithmically by analyzing the data patterns and
transition positions in the received data. This setting should be used for most applications.
10
Precursor equalization analysis. The data patterns and transition positions in the received data are
analyzed to determine whether the transmit link partner is applying more or less precursor
equalization than necessary.
11
Postcursor equalization analysis. The data patterns and transition positions in the received data are
analyzed to determine whether the transmit link partner is applying more or less post-cursor
equalization than necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com