Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF86 Datasheet(PDF) 48 Page - Texas Instruments

Part # DAC38RF86
Description  DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF86 Datasheet(HTML) 48 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 44Page - Texas Instruments DAC38RF86 Datasheet HTML 45Page - Texas Instruments DAC38RF86 Datasheet HTML 46Page - Texas Instruments DAC38RF86 Datasheet HTML 47Page - Texas Instruments DAC38RF86 Datasheet HTML 48Page - Texas Instruments DAC38RF86 Datasheet HTML 49Page - Texas Instruments DAC38RF86 Datasheet HTML 50Page - Texas Instruments DAC38RF86 Datasheet HTML 51Page - Texas Instruments DAC38RF86 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 147 page
background image
48
DAC38RF86, DAC38RF96
DAC38RF87, DAC38RF97
SLASEF4B – FEBRUARY 2017 – REVISED JULY 2017
www.ti.com
Product Folder Links: DAC38RF86 DAC38RF96 DAC38RF87 DAC38RF97
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 29. Eye Scan Mode Selection (continued)
ES[3:0]
EFFECT
1x11
Timed Compare. As ES = 001x, but analyses over the time interval specified by ESLEN. Analyses zeroes when ES[2] =
0, and ones when ES[2] = 1.
When ES[3] = 0, the selected analysis runs continuously. However, when ES[3] = 1, only the number of qualified
samples specified by ESLed, as shown in Table 30. In this case, analysis is started by writing a 1 to ESRUN (it is
not necessary to set it back to 0). When analysis completes, ESDONE is set to 1.
Table 30. Eye Scan Run Length
ESLen
NUMBER OF SAMPLES ANALYZED
00
127
01
1023
10
8095
11
65535
When ESVO OVR = 1, the ESVO field determines the amount of offset voltage that is applied to the eye scan
data samplers associated with rxpi and rxni. The amount of offset is variable between 0 and 300 mV in
increments of ~10 mV, as shown Table 31. When ES[3] = 1, ESVO OVR must be 0 to allow the optimized
voltage offset to be read back via ESVO.
Table 31. Eye Scan Voltage Offset
ESVO
OFFSET (mV)
100000
-310
…
…
111110
-20
111111
-10
000000
0
000001
10
000010
20
…
…
011111
300
The phase position of the samplers associated with rxpi and rxni, is controlled to a precision of 1/32UI. When ES
is not 00, the phase position can be adjusted forwards or backwards by more than one UI using the ESPO field,
as shown in Table 32. In normal use, the range should be limited to ±0.5 UI (+15 to –16 phase steps).
Table 32. Eye Scan Phase Offset
ESPO
OFFSET (1/32 UI)
011111
+63
…
…
000001
+1
000000
0
111111
-1
…
…
100000
-64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com