Electronic Components Datasheet Search
  English  ▼

X  

LPC3240 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC3240
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3240 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC3240 Datasheet HTML 1Page - NXP Semiconductors LPC3240 Datasheet HTML 2Page - NXP Semiconductors LPC3240 Datasheet HTML 3Page - NXP Semiconductors LPC3240 Datasheet HTML 4Page - NXP Semiconductors LPC3240 Datasheet HTML 5Page - NXP Semiconductors LPC3240 Datasheet HTML 6Page - NXP Semiconductors LPC3240 Datasheet HTML 7Page - NXP Semiconductors LPC3240 Datasheet HTML 8Page - NXP Semiconductors LPC3240 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
2 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
 Multi-layer AHB system that provides a separate bus for each AHB master, including
both an instruction and data bus for the CPU, two data busses for the DMA controller,
and another bus for the USB controller, one for the LCD, and a final one for the
Ethernet MAC. There are no arbitration delays in the system unless two masters
attempt to access the same slave at the same time.
 External memory controller for DDR and SDR SDRAM as well as for static devices.
 Two NAND flash controllers: One for single-level NAND flash devices and the other for
multi-level NAND flash devices.
 Master Interrupt Controller (MIC) and two Slave Interrupt Controllers (SIC), supporting
74 interrupt sources.
 Eight channel General Purpose DMA (GPDMA) controller on the AHB that can be
used with the SD card port, the high-speed UARTs, I2S-bus interfaces, and SPI
interfaces, as well as memory-to-memory transfers.
 Serial interfaces:
 10/100 Ethernet MAC with dedicated DMA Controller.
 USB interface supporting either device, host (OHCI compliant), or On-The-Go
(OTG) with an integral DMA controller and dedicated PLL to generate the required
48 MHz USB clock.
 Four standard UARTs with fractional baud rate generation and 64 byte FIFOs. One
of the standard UARTs supports IrDA.
 Three additional high-speed UARTs intended for on-board communications that
support baud rates up to 921 600 when using a 13 MHz main oscillator. All
high-speed UARTs provide 64 byte FIFOs.
 Two SPI controllers.
 Two SSP controllers.
 Two I2C-bus interfaces with standard open-drain pins. The I2C-bus interfaces
support single master, slave, and multi-master I2C-bus configurations.
 Two I2S-bus interfaces, each with separate input and output channels. Each
channel can be operated independently on three pins, or both input and output
channels can be used with only four pins and a shared clock.
 Additional peripherals:
 LCD controller supporting both STN and TFT panels, with dedicated DMA
controller. Programmable display resolution up to 1024
 768.
 Secure Digital (SD) memory card interface, which conforms to the SD Memory
Card Specification Version 1.01.
 General Purpose (GP) input, output, and I/O pins. Includes 12 GP input pins, 24
GP output pins, and 51 GP I/O pins.
 10-bit, 400 kHz Analog-to-Digital Converter (ADC) with input multiplexing from
three pins. Optionally, the ADC can operate as a touch screen controller.
 Real-Time Clock (RTC) with separate power pin and dedicated 32 kHz oscillator.
NXP implemented the RTC in an independent on-chip power domain so it can
remain active while the rest of the chip is not powered. The RTC also includes a
32-byte scratch pad memory.
 32-bit general purpose high-speed timer with a 16-bit pre-scaler. This timer
includes one external capture input pin and a capture connection to the RTC clock.
Interrupts may be generated using three match registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com