Electronic Components Datasheet Search
  English  ▼

X  

LPC3240 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # LPC3240
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3240 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button LPC3240 Datasheet HTML 38Page - NXP Semiconductors LPC3240 Datasheet HTML 39Page - NXP Semiconductors LPC3240 Datasheet HTML 40Page - NXP Semiconductors LPC3240 Datasheet HTML 41Page - NXP Semiconductors LPC3240 Datasheet HTML 42Page - NXP Semiconductors LPC3240 Datasheet HTML 43Page - NXP Semiconductors LPC3240 Datasheet HTML 44Page - NXP Semiconductors LPC3240 Datasheet HTML 45Page - NXP Semiconductors LPC3240 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
42 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
Two 32-bit match registers are readable and writable by the processor. A match will result
in an interrupt provided that the interrupt is enabled. The ONSW output pin can also be
triggered by a match event and cause an external power supply to turn on all of the
operating voltages, as a way to startup after power has been removed.
The RTC block is implemented in a separate voltage domain. The block is supplied via a
separate supply pin from a battery or other power source.
The RTC block also contains 32 words (128 bytes) of very low voltage SRAM. This SRAM
is able to hold its contents down to the minimum RTC operating voltage.
7.9.4.1
Features
• Measures the passage of time in seconds.
• 32-bit up and down seconds counters.
• Ultra-low power design to support battery powered systems.
• Dedicated 32 kHz oscillator.
• An output pin is included to assist in waking up when the chip has had power removed
to all functions except the RTC.
• Two 32-bit match registers with interrupt option.
• 32 words (128 bytes) of very low voltage SRAM.
• The RTC and battery RAM power have an independent power domain and dedicated
supply pins, which can be powered from a battery or power supply.
Remark: The LPC3220/30/40/50 will run at voltages down to 0.9 V at frequencies below
14 MHz. However, the ARM core cannot access the RTC registers and battery RAM when
the core supply voltage is at 0.9 V and the RTC supply is at 1.2 V.
7.9.5 Enhanced 32-bit timers/external event counters
The LPC3220/30/40/50 includes six 32-bit Timer/Counters. The Timer/Counter is
designed to count cycles of the system derived clock or an externally-supplied clock. It
can optionally generate interrupts or perform other actions at specified timer values,
based on four match registers. The Timer/Counter also includes four capture inputs to trap
the timer value when an input signal transitions, optionally generating an interrupt.
7.9.5.1
Features
• A 32-bit Timer/Counter with a programmable 32-bit pre-scaler.
• Counter or Timer operation.
• Up to four 32-bit capture channels per timer, that can take a snapshot of the timer
value when an input signal transitions. A capture event may also optionally generate
an interrupt.
• Four 32-bit match registers that allow:
– continuous operation with optional interrupt generation on match
– stop timer on match with optional interrupt generation
– reset timer on match with optional interrupt generation
• Up to four external outputs corresponding to match registers, with the following
capabilities:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com