Electronic Components Datasheet Search
  English  ▼

X  

LPC3240 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # LPC3240
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3240 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button LPC3240 Datasheet HTML 63Page - NXP Semiconductors LPC3240 Datasheet HTML 64Page - NXP Semiconductors LPC3240 Datasheet HTML 65Page - NXP Semiconductors LPC3240 Datasheet HTML 66Page - NXP Semiconductors LPC3240 Datasheet HTML 67Page - NXP Semiconductors LPC3240 Datasheet HTML 68Page - NXP Semiconductors LPC3240 Datasheet HTML 69Page - NXP Semiconductors LPC3240 Datasheet HTML 70Page - NXP Semiconductors LPC3240 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
67 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
[1]
THCLK = 1/HCLK
[2]
Rsu = bit field R_SETUP[3:0] in register SLC_TAC[3:0] for reads
[3]
Rh = bit field R_HOLD[3:0] in register SLC_TAC[7:4] for reads
[4]
Rw = bit field R_WIDTH[3:0] in register SLC_TAC[11:8] for reads
[5]
Rb = bit field R_RDY[3:0] in register SLC_TAC[15:12] for reads
[6]
Wsu = bit field W_SETUP[3:0] in register SLC_TAC[19:16] for writes
[7]
Wh = bit field W_HOLD[3:0] in register SLC_TAC[23:20] for writes
[8]
Ww = bit field W_WIDTH[3:0] in register SLC_TAC[27:24] for writes
[9]
Wb = bit field W_RDY[3:0] in register SLC_TAC[31:28] for writes
tWH
WE HIGH hold time
write
[1][6][7]
-THCLK  (Wsu + Wh)
-
ns
tWHR
WE HIGH to RE LOW time
write
[1][7][9]
-(THCLK  Wh) + (2  THCLK
 Wb)
-ns
tWP
WE pulse width
write
[1][8]
-THCLK  Ww
-
ns
tREHRBL
RE HIGH to R/B LOW time
write
[1][3][5]
-(THCLK  Rh) + (2  THCLK 
Rb)
-ns
Table 18.
Dynamic characteristics of SLC NAND flash memory controller …continued
Tamb = 40 C to +85 C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 17.
MLC NAND flash memory write timing (writing to NAND flash)
command
tDS
tDH
tWB
FLASH_IO[7:0]
address
tDS
tDH
tALS
tALH
tDS tDH
tWP tWH
tWC
tCS
tCH
tCH
tCLS
tCLH
command
address
data
D0
D1
Dn
tALS
tCLH
tALS
tALH
tWP
tWP tWH
tCLS
tCS
002aae444
FLASH_CE
FLASH_CLE
FLASH_WR
FLASH_ALE
FLASH_RDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com