Electronic Components Datasheet Search
  English  ▼

X  

LPC3240 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC3240
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3240 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC3240 Datasheet HTML 6Page - NXP Semiconductors LPC3240 Datasheet HTML 7Page - NXP Semiconductors LPC3240 Datasheet HTML 8Page - NXP Semiconductors LPC3240 Datasheet HTML 9Page - NXP Semiconductors LPC3240 Datasheet HTML 10Page - NXP Semiconductors LPC3240 Datasheet HTML 11Page - NXP Semiconductors LPC3240 Datasheet HTML 12Page - NXP Semiconductors LPC3240 Datasheet HTML 13Page - NXP Semiconductors LPC3240 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
10 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
6.2 Pin description
Table 4.
Pin description
Symbol
Pin
Power supply
domain
Type
Description
ADIN0/TS_YM
U15
VDD_AD
analog in
ADC input 0/touch screen Y minus
ADIN1/TS_XM
T14
VDD_AD
analog in
ADC input 0/touch screen X minus
ADIN2/TS_AUX_IN
V16
VDD_AD
analog in
ADC input 2/touch screen AUX input
DBGEN
G14
VDD_IOD
I: PD
Device test input
LOW = JTAG in-circuit debug available; normal
operation.
HIGH = I/O cell boundary scan test; for board
assembly BSDL test.
EMC_A[0]/P1[0]
L3
VDD_EMC
I/O
EMC address bit 0
I/O
Port 1 GPIO bit 0
EMC_A[1]/P1[1]
L4
VDD_EMC
I/O
EMC address bit 1
I/O
Port 1 GPIO bit 1
EMC_A[2]/P1[2]
M1
VDD_EMC
I/O
EMC address bit 2
I/O
Port 1 GPIO bit 2
EMC_A[3]/P1[3]
M2
VDD_EMC
I/O
EMC address bit 3
I/O
Port 1 GPIO bit 3
EMC_A[4]/P1[4]
M3
VDD_EMC
I/O
EMC address bit 4
I/O
Port 1 GPIO bit 4
EMC_A[5]/P1[5]
N1
VDD_EMC
I/O
EMC address bit 5
I/O
Port 1 GPIO bit 5
EMC_A[6]/P1[6]
N2
VDD_EMC
I/O
EMC address bit 6
I/O
Port 1 GPIO bit 6
EMC_A[7/P1[7]
N3
VDD_EMC
I/O
EMC address bit 7
I/O
Port 1 GPIO bit 7
EMC_A[8]/P1[8]
M4
VDD_EMC
I/O
EMC address bit 8
I/O
Port 1 GPIO bit 8
EMC_A[9]/P1[9]
P1
VDD_EMC
I/O
EMC address bit 9
I/O
Port 1 GPIO bit 9
EMC_A[10]/P1[10]
P2
VDD_EMC
I/O
EMC address bit 10
I/O
Port 1 GPIO bit 10
EMC_A[11]/P1[11]
P3
VDD_EMC
I/O
EMC address bit 11
I/O
Port 1 GPIO bit 11
EMC_A[12]/P1[12]
N4
VDD_EMC
I/O
EMC address bit 12
I/O
Port 1 GPIO bit 12
EMC_A[13]/P1[13]
R1
VDD_EMC
I/O
EMC address bit 13
I/O
Port 1 GPIO bit 13
EMC_A[14]/P1[14]
R2
VDD_EMC
I/O
EMC address bit 14
I/O
Port 1 GPIO bit 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com