Electronic Components Datasheet Search
  English  ▼

X  

LPC3240 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # LPC3240
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3240 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button LPC3240 Datasheet HTML 43Page - NXP Semiconductors LPC3240 Datasheet HTML 44Page - NXP Semiconductors LPC3240 Datasheet HTML 45Page - NXP Semiconductors LPC3240 Datasheet HTML 46Page - NXP Semiconductors LPC3240 Datasheet HTML 47Page - NXP Semiconductors LPC3240 Datasheet HTML 48Page - NXP Semiconductors LPC3240 Datasheet HTML 49Page - NXP Semiconductors LPC3240 Datasheet HTML 50Page - NXP Semiconductors LPC3240 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
47 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
Power consumption in Run, direct Run, and Stop modes
IDD(run)
Run mode supply
current
Tamb =25 C;
code
while(1){}
executed from IRAM; all
peripherals enabled
I-cache/D-cache, MMU
enabled; CPU
clock = 208 MHz;
VDD_CORE = 1.2 V
-
150
-
mA
I-cache/D-cache, MMU
enabled; CPU
clock = 266 MHz;
VDD_CORE = 1.35 V
-
218
-
mA
I-cache/D-cache, MMU
disabled; CPU
clock = 208 MHz;
VDD_CORE = 1.2 V
-78
-
mA
I-cache/D-cache, MMU
disabled; CPU
clock = 266 MHz;
VDD_CORE = 1.35 V
-
111
-
mA
IDD(drun)
direct Run mode supply
current
Tamb =25 C; CPU
clock = 13 MHz;
code
while(1){}
executed from IRAM; all
peripherals disabled
I-cache/D-cache, MMU
enabled;
VDD_CORE = 1.2 V
-7.8
-
mA
I-cache/D-cache, MMU
enabled;
VDD_CORE = 0.9 V
-5.6
-
mA
I-cache/D-cache, MMU
disabled;
VDD_CORE = 1.2 V
-5
-
mA
I-cache/D-cache, MMU
disabled;
VDD_CORE = 0.9 V
-3.5
-
mA
IDD(stop)
Stop mode supply
current
Tamb =25 C; CPU
clock stopped internally; all
peripherals disabled
VDD_CORE = 1.2 V
-
400
-
A
VDD_CORE = 0.9 V
-
400
-
A
Table 8.
Static characteristics …continued
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com