Electronic Components Datasheet Search
  English  ▼

X  

LPC3240 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # LPC3240
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3240 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button LPC3240 Datasheet HTML 61Page - NXP Semiconductors LPC3240 Datasheet HTML 62Page - NXP Semiconductors LPC3240 Datasheet HTML 63Page - NXP Semiconductors LPC3240 Datasheet HTML 64Page - NXP Semiconductors LPC3240 Datasheet HTML 65Page - NXP Semiconductors LPC3240 Datasheet HTML 66Page - NXP Semiconductors LPC3240 Datasheet HTML 67Page - NXP Semiconductors LPC3240 Datasheet HTML 68Page - NXP Semiconductors LPC3240 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
LPC3220_30_40_50
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2.1 — 24 June 2014
65 of 80
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
11.8 SLC NAND flash memory controller
Fig 15. MLC NAND flash controller write timing (writing to NAND flash)
Fig 16. MLC NAND flash controller read timing (reading from NAND flash)
tWB
FLASH_IO[7:0]
FLASH_WR
tWP
tWC
FLASH_RDY (R/B)
FLASH_CE
D0
D1
Dn
10h
tWH
002aae442
FLASH_IO[7:0]
tRP tREH
tRC
FLASH_RD
FLASH_CE
tCELREL
D0
D1
D2
D3
tRHZ
002aae443
Table 18.
Dynamic characteristics of SLC NAND flash memory controller
Tamb = 40 C to +85 C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tALS
ALE set-up time
read
[1][2][4][6]
-THCLK  (Rsu + Rw)
-
ns
write
-
THCLK  (Wsu + Ww)
-
ns
tALH
ALE hold time
read
[1][7]
-THCLK  Rh
-
ns
write
-
THCLK  Wh
-
ns
tAR
ALE to RE delay time
read
[1][2][6]
-THCLK  Rsu
-
ns
write
-
THCLK  Wsu
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com