Electronic Components Datasheet Search
  English  ▼

X  

LAN8804D Datasheet(PDF) 18 Page - Microchip Technology

Part # LAN8804D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D Datasheet(HTML) 18 Page - Microchip Technology

Back Button LAN8804D Datasheet HTML 14Page - Microchip Technology LAN8804D Datasheet HTML 15Page - Microchip Technology LAN8804D Datasheet HTML 16Page - Microchip Technology LAN8804D Datasheet HTML 17Page - Microchip Technology LAN8804D Datasheet HTML 18Page - Microchip Technology LAN8804D Datasheet HTML 19Page - Microchip Technology LAN8804D Datasheet HTML 20Page - Microchip Technology LAN8804D Datasheet HTML 21Page - Microchip Technology LAN8804D Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 89 page
background image
LAN8804D
DS00003591K-page 18
© 2026 Microchip Technology Inc. and its subsidiaries
Port 2 LED 2
PORT2LED2
VO12/
VOD12/
VOS12
Programmable Port 2 LED 2 output.
The polarity of this pin depends on the PORT2_LED2_POL
configuration strap which is shared with this pin.
Port 3 LED 1
PORT3LED1
VO12/
VOD12/
VOS12
Programmable Port 3 LED 1 output.
The polarity of this pin depends on the PORT3_LED1_POL
configuration strap which is shared with this pin.
Port 3 LED 2
PORT3LED2
VO12/
VOD12/
VOS12
Programmable Port 3 LED 2 output.
The polarity of this pin depends on the PORT3_LED2_POL
configuration strap which is shared with this pin.
Coma Mode
Control
COMA_MODE
VIS
(PU)
Drive high to activate Coma mode. After all ports are config-
ured, drive low to enable normal operation. Hold low to disable
this feature.
Reference Clock
Select
REF_CLK_SEL[1:0]
VIS
These pins control reference clock selection of the System
PLL and QSGMII SerDes MPLL.
REF_CLK_SEL[1:0]
00: SYSPLL Reference 25 MHz from XI/XO
QSGMII Reference 25 MHz from XI/XO
01: RESERVED
10: SYSPLL Reference 25 MHz from CK125_REF_INP/M
QSGMII Reference 125 MHz from CK125_REF_INP/M
11: RESERVED
Note:
These are live pins, not configuration straps, and
must be permanently tied high/low.
Note:
XI/XO can be a 25 MHz crystal or a 25 MHz exter-
nal clock. CK125_REF_INP/M is a 125 MHz exter-
nal clock.
System Clock
Output Enable
CK25OUT_EN
VIS
CK25OUT enable/disable:
0: Disabled
1: Enabled
Note:
This is a live pin, not a configuration strap.
QSGMII SerDes
Voltage Regulator
Bypass
VREG_BYPASS
VIS
QSGMII SerDes voltage regulator bypass:
0: SerDes powered from internal 3.3V to 2.5V regulator
(regulator in use)
1: SerDes powered directly from 2.5V (regulator bypassed)
Note:
This pin must be permanently tied high/low.
LDO Controller
Output
LDO_O
AO
On-chip +1.1V LDO controller output. This functionality has
been defeatured. The pin should be left unconnected. Please
refer to the errata for further details.
SerDes Bias
Resistor
RES_REF
AI
This pin must be connected to ground through a 200Ω 1%
100 ppm/
C resistor.
PHY Bias Resistor
ISET
AI
This pin must be connected to ground through a 6.04 kΩ 1%
resistor.
Test Mode
TEST_MODE
VIS
For normal operation, this pin must be pulled-down to ground.
No Connect
NC
-
For normal operation, this pin must be left unconnected.
TABLE 3-5:
MISCELLANEOUS PINS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com