Electronic Components Datasheet Search
  English  ▼

X  

LAN8804D Datasheet(PDF) 36 Page - Microchip Technology

Part # LAN8804D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D Datasheet(HTML) 36 Page - Microchip Technology

Back Button LAN8804D Datasheet HTML 32Page - Microchip Technology LAN8804D Datasheet HTML 33Page - Microchip Technology LAN8804D Datasheet HTML 34Page - Microchip Technology LAN8804D Datasheet HTML 35Page - Microchip Technology LAN8804D Datasheet HTML 36Page - Microchip Technology LAN8804D Datasheet HTML 37Page - Microchip Technology LAN8804D Datasheet HTML 38Page - Microchip Technology LAN8804D Datasheet HTML 39Page - Microchip Technology LAN8804D Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 89 page
background image
LAN8804D
DS00003591K-page 36
© 2026 Microchip Technology Inc. and its subsidiaries
After running the cable diagnostics, perform another software reset via the Basic Control Register.
APPLICATION NOTE: If the Cable Diagnostics Status (VCT_ST[1:0]) field indicates Failed, it is generally due to
multiple pulses being received after sending out a single pulse. In this Partially Active test,
the Link Partner is allowed to be in the Auto-Negotiation state, but if the Link Partner is
mistakenly in forced 1000BASE-T or 100BASE-TX mode, the test will fail.
APPLICATION NOTE: Any signal received from a link partner will interfere with the TDR test. Energy detection must
first be checked on each wire pair by using the procedure in Section 5.19.2, "Energy-Detect
Power-Down Mode".
APPLICATION NOTE:
5.8
Energy Efficient Ethernet (EEE)
The device implements Energy Efficient Ethernet (EEE) as described in IEEE Standard 802.3az. The specification is
defined around an EEE-compliant MAC on the host side and an EEE-compliant link partner on the line side that support
the special signaling associated with EEE. EEE saves power by keeping the AC signal on the copper Ethernet cable at
approximately 0V peak-to-peak as often as possible during periods of no traffic activity, while maintaining the link-up
status. This is referred to as Low Power Idle (LPI) mode or state.
As set by the MODE_SEL[4:0] configuration straps, the device has the EEE function enabled or disabled as the power-
up default setting. The EEE function can be enabled or disabled by setting or clearing the following EEE advertisement
bits in the EEE Advertisement register (MDIO Manageable Device (MMD) Address 7h, register 3Ch), followed by restart-
ing auto-negotiation (writing a ‘1’ to the Basic Control register, bit[9]):
• 1000BASE-T EEE (bit[2]) = ‘0/1’
// Disable/Enable 1000 Mbps EEE mode
• 100BASE-TX EEE (bit[1]) = ‘0/1’
// Disable/Enable 100 Mbps EEE mode
During LPI mode, the copper link responds automatically when it receives traffic and resumes normal PHY operation
immediately, without blockage of traffic or loss of packet. This involves exiting LPI mode and returning to normal 100/
1000 Mbps operating mode. Wake-up times are <16 µs for 1000BASE-T and <30 µs for 100BASE-TX. The LPI state is
controlled independently for transmit and receive paths, allowing the LPI state to be active (enabled) for:
• Transmit cable path only
• Receive cable path only
• Both transmit and receive cable paths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com