Electronic Components Datasheet Search
  English  ▼

X  

LAN8804D Datasheet(PDF) 31 Page - Microchip Technology

Part # LAN8804D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D Datasheet(HTML) 31 Page - Microchip Technology

Back Button LAN8804D Datasheet HTML 27Page - Microchip Technology LAN8804D Datasheet HTML 28Page - Microchip Technology LAN8804D Datasheet HTML 29Page - Microchip Technology LAN8804D Datasheet HTML 30Page - Microchip Technology LAN8804D Datasheet HTML 31Page - Microchip Technology LAN8804D Datasheet HTML 32Page - Microchip Technology LAN8804D Datasheet HTML 33Page - Microchip Technology LAN8804D Datasheet HTML 34Page - Microchip Technology LAN8804D Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 89 page
background image
LAN8804D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00003591K-page 31
Note 5-1
Default value is shown in the table. C pair can be swapped with D pair via register settings.
Auto-MDIX detection is enabled in the device by default.
Auto-MDIX can be disabled by setting the swapoff bit in the Digital Debug Control 1 register. The MDI/MDI-X mode may
then be manually selected by the mdi_set bit in the Digital Debug Control 1 register.
The Auto-MDIX status bits are located in the Digital AX/AN Status register.
An isolation transformer with symmetrical transmit and receive data paths is recommended to support Auto MDI/MDI-X.
5.4
Alignment and Polarity Detection/Correction
In 1000BASE-T mode, the device supports 50 ns ±10 ns difference in propagation delay between pairs of channels in
accordance with the IEEE 802.3 standard, and automatically corrects the data skew so the corrected four pairs of data
symbols are synchronized.
Additionally, the device detects and corrects polarity errors on all MDI pairs, a useful capability that exceeds the require-
ments of the standard. Polarity detection and correction applies to 10BASE-T and 1000BASE-T and is not required for
100BASE-TX.
5.5
Wave Shaping, Slew-Rate Control, and Partial Response
In communication systems, signal transmission encoding methods are used to provide the noise-shaping feature and
to minimize distortion and error in the transmission channel.
• For 1000BASE-T, a special partial-response signaling method is used to provide the band-limiting feature for the
transmission path.
• For 100BASE-TX, a simple slew-rate control method is used to minimize EMI.
• For 10BASE-T, pre-emphasis is used to extend the signal quality through the cable.
5.6
Auto-Negotiation
The device conforms to the auto-negotiation protocol, defined in Clause 28 of the IEEE 802.3 Specification [1].
Auto-negotiation allows UTP link partners to select the highest common mode of operation.
During auto-negotiation, link partners advertise capabilities across the UTP link to each other, and then compare their
own capabilities with those they received from their link partners. The highest speed and duplex setting that is common
to the two link partners is selected as the operating mode.
The following list shows the speed and duplex operation mode from highest to lowest:
• Priority 1: 1000BASE-T, full-duplex
• Priority 2: 1000BASE-T, half-duplex (Note 5-2)
• Priority 3: 100BASE-TX, full-duplex
• Priority 4: 100BASE-TX, half-duplex
• Priority 5: 10BASE-T, full-duplex
• Priority 6: 10BASE-T, half-duplex
Note 5-2
The device does not support 1000BASE-T, half-duplex and may not be enabled to advertise such.
TX_RXP/N_C_x
(4, 5)
C+/-
Not Used
Not Used
C+/- (Note 5-1)
Not Used
Not Used
TX_RXP/N_D_x
(7, 8)
D+/-
Not Used
Not Used
D+/- (Note 5-1)
Not Used
Not Used
TABLE 5-1:
MDI/MDI-X PIN MAPPING (CONTINUED)
Pin
(RJ-45 Pair)
MDI
MDI-X
1000BASE-T
100BASE-T
10BASE-T
1000BASE-T
100BASE-T
10BASE-T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com