Electronic Components Datasheet Search
  English  ▼

X  

LAN8804D Datasheet(PDF) 40 Page - Microchip Technology

Part # LAN8804D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D Datasheet(HTML) 40 Page - Microchip Technology

Back Button LAN8804D Datasheet HTML 36Page - Microchip Technology LAN8804D Datasheet HTML 37Page - Microchip Technology LAN8804D Datasheet HTML 38Page - Microchip Technology LAN8804D Datasheet HTML 39Page - Microchip Technology LAN8804D Datasheet HTML 40Page - Microchip Technology LAN8804D Datasheet HTML 41Page - Microchip Technology LAN8804D Datasheet HTML 42Page - Microchip Technology LAN8804D Datasheet HTML 43Page - Microchip Technology LAN8804D Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 89 page
background image
LAN8804D
DS00003591K-page 40
© 2026 Microchip Technology Inc. and its subsidiaries
The MSE value is compared to the thresholds set in the DCQ SQI Table Registers to provide an SQI value between 0
(worst value) and 7 (best value) as follows:
In order to capture the SQI value, the DCQ Read Capture bit in the DCQ Configuration register needs to be written as
a high with the desired cable pair specified in the DCQ Channel Number field of the same register. The DCQ Read Cap-
ture bit will immediately self-clear and the result will be available in the DCQ SQI register.
In addition to the current SQI, the worst case (lowest) SQI since the last read is available in the SQI Worst Case field.
The correlation between the SQI values stored in the DCQ SQI register and an according Signal to Noise Ratio (SNR)
based on Additive White Gaussian (AWG) noise (bandwidth of 80 MHz @ 100 Mbps / 550 MHz @ 1000 Mbps) is shown
in Table 5-4 and Table 5-5. The bit error rates to be expected in the case of white noise as interference signal is shown
in the table as well for information purposes.
A link loss only occurs if the SQI value is 0.
TABLE 5-3:
MSE TO SQI MAPPING
MSE Value
SQI Value
Greater Than
Less Than or Equal To
—
SQI_TBL7.SQI_VALUE
7
SQI_TBL7.SQI_VALUE
SQI_TBL6.SQI_VALUE
6
SQI_TBL6.SQI_VALUE
SQI_TBL5.SQI_VALUE
5
SQI_TBL5.SQI_VALUE
SQI_TBL4.SQI_VALUE
4
SQI_TBL4.SQI_VALUE
SQI_TBL3.SQI_VALUE
3
SQI_TBL3.SQI_VALUE
SQI_TBL2.SQI_VALUE
2
SQI_TBL2.SQI_VALUE
SQI_TBL1.SQI_VALUE
1
SQI_TBL1.SQI_VALUE
—
0
TABLE 5-4:
1000M SQI PERFORMANCE
SQI Value
Link State
Bit Error Rate (BER)
7Up
< 10-10
No frame drops
6Up
5Up
4Up
> 10-10
Frame drops may occur
3Up
2Up
1Up
0
Intermittent / Down
Heavy frame drops may occur



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com