Electronic Components Datasheet Search
  English  ▼

X  

LAN8804D Datasheet(PDF) 28 Page - Microchip Technology

Part # LAN8804D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D Datasheet(HTML) 28 Page - Microchip Technology

Back Button LAN8804D Datasheet HTML 24Page - Microchip Technology LAN8804D Datasheet HTML 25Page - Microchip Technology LAN8804D Datasheet HTML 26Page - Microchip Technology LAN8804D Datasheet HTML 27Page - Microchip Technology LAN8804D Datasheet HTML 28Page - Microchip Technology LAN8804D Datasheet HTML 29Page - Microchip Technology LAN8804D Datasheet HTML 30Page - Microchip Technology LAN8804D Datasheet HTML 31Page - Microchip Technology LAN8804D Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 89 page
background image
LAN8804D
DS00003591K-page 28
© 2026 Microchip Technology Inc. and its subsidiaries
5.0
FUNCTIONAL DESCRIPTIONS
This section provides additional details of the major features supported by the LAN8804D:
• 10BASE-T/100BASE-TX Transceiver
• 1000BASE-T Transceiver
• Auto MDI/MDIX (Pair-Swap)
• Alignment and Polarity Detection/Correction
• Wave Shaping, Slew-Rate Control, and Partial Response
• Auto-Negotiation
• LinkMD Cable Diagnostics
• Energy Efficient Ethernet (EEE)
• IEEE 802.3-2018 Frame Preemption
• Start of Frame Indication
• Signal Quality Index
• Loopbacks
• QSGMII
• MIIM (MDIO) Interface
• Interrupts
• GPIOs
• LEDs
• Coma Mode
• Power Management
• PLL/Clocks and Resets
• JTAG
5.1
10BASE-T/100BASE-TX Transceiver
5.1.1
100BASE-TX TRANSMIT
The 100BASE-TX transmit function performs parallel-to-serial conversion, 4B/5B coding, scrambling, NRZ-to-NRZI con-
version, and MLT-3 encoding and transmission.
The circuitry starts with a parallel-to-serial conversion, which converts the MII data from the MAC into a 125 MHz serial
bit stream. The data and control stream is then converted into 4B/5B coding, followed by a scrambler. The serialized
data is further converted from NRZ-to-NRZI format, and then transmitted in MLT-3 current output. The output current is
set by an external 6.04 kΩ 1% resistor for the 1:1 transformer ratio.
The output signal has a typical rise/fall time of 4 ns and complies with the ANSI TP-PMD standard regarding amplitude
balance, and overshoot. The wave-shaped 10BASE-T output is also incorporated into the 100BASE-TX transmitter.
5.1.2
100BASE-TX RECEIVE
The 100BASE-TX receiver function performs adaptive equalization, DC restoration, MLT-3-to-NRZI conversion, data
and clock recovery, NRZI-to-NRZ conversion, de-scrambling, 4B/5B decoding, and serial-to-parallel conversion.
The receiving side starts with the equalization filter to compensate for inter-symbol interference (ISI) over the twisted
pair cable. Because the amplitude loss and phase distortion are a function of the cable length, the equalizer must adjust
its characteristics to optimize performance. In this design, the variable equalizer makes an initial estimation based on
comparisons of incoming signal strength against some known cable characteristics, then tunes itself for optimization.
This is an ongoing process and self-adjusts against environmental changes such as temperature variations.
Next, the equalized signal goes through a DC-restoration and data-conversion block. The DC-restoration circuit com-
pensates for the effect of baseline wander and improves the dynamic range. The differential data conversion circuit con-
verts the MLT-3 format back to NRZI. The slicing threshold is also adaptive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com