Electronic Components Datasheet Search
  English  ▼

X  

LAN8804D Datasheet(PDF) 81 Page - Microchip Technology

Part # LAN8804D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D Datasheet(HTML) 81 Page - Microchip Technology

Back Button LAN8804D Datasheet HTML 77Page - Microchip Technology LAN8804D Datasheet HTML 78Page - Microchip Technology LAN8804D Datasheet HTML 79Page - Microchip Technology LAN8804D Datasheet HTML 80Page - Microchip Technology LAN8804D Datasheet HTML 81Page - Microchip Technology LAN8804D Datasheet HTML 82Page - Microchip Technology LAN8804D Datasheet HTML 83Page - Microchip Technology LAN8804D Datasheet HTML 84Page - Microchip Technology LAN8804D Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 89 page
background image
LAN8804D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00003591K-page 81
APPENDIX A: DOCUMENT REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision
Section/Figure/Entry
Correction
DS00003591K (01-23-26)
Throughout document.
Part number updated to reflect D0 silicon revision.
Section 5.6.3, Auto-Down-
shift
Added new Auto-Downshift section.
Section 6.3, Power Con-
sumption
Power consumption values updated for D0 silicon
revision. All previous device mode condition mea-
surement criteria remains the same. Tables for both
“Minimum” and “Worst-Case” measurements
replaced with “Typical” power consumption tables.
Section 7.1, "Top Marking"
Added Top Marking section.
Product Identification Sys-
tem
Updated ordering code for industrial temperature
from “V” to “I”.
DS00003591J (08-07-25)
Throughout Document.
Miscellaneous grammatical and formatting
changes.
Throughout Document.
Digital Core (VDDCORE) and Analog Operation
(VDDAL) updated from “1.1V” to “1.21V”.
Section 3.3.1, Device Mode
Select (MODE_SEL[4:0])
Removed “preliminary and subject to change” note
regarding MODE_SEL[4:0] function.
Section 7.0, Package Out-
line
Updates made to Package Drawing, Dimensions,
and Land Pattern.
DS00003591H (12-05-24)
Throughout Document.
LDO Controller has been defeatured. Sections
detailing its operation have been removed or
updated. See below for further details.
Table 3-5, "Miscellaneous
Pins"
Description for LDO Controller Output (LDO_O)
has been changed from:
“On-chip +1.1V LDO controller output. This pin
drives the input gate of a P-channel MOSFET to
generate +1.1V for the device’s core voltages.
Note: If the system provides 1.1V, this pin is not
used and can be left unconnected.”
to: “On-chip +1.1V LDO controller output. This
functionality has been defeatured. The pin should
be left unconnected. Please refer to the errata for
further details.”
Section 4.1, "Voltage Regu-
lator and Power Connec-
tions"
This section have been modified. Text changed
from:
“The LAN8804D integrates an optional LDO con-
troller for use with an external P-channel MOSFET
to generate the 1.1V supply from an existing 2.5V
or 3.3V source. Use of the LDO controller and
MOSFET is not required. An external 1.1V supply
can be alternatively utilized.”
to: “The LAN8804D has an integrated LDO control-
ler. This controller has been defeatured. Please
refer to the errata for further details.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com