| Electronic Components Datasheet Search |
|
LAN8804D Datasheet(PDF) 48 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8804D Datasheet(HTML) 48 Page - Microchip Technology |
|
48 / 89 page ![]() LAN8804D DS00003591K-page 48 © 2026 Microchip Technology Inc. and its subsidiaries GPIO20 PORT2LED2 PORT2_LED2_POL To enable LED operation with either a pull-up or pull-down, LED Polarity takes on the inverted value of the configuration strap. Refer to Section 5.17, "LEDs" and Section 3.3.5, "LED Polarity (PORT[3:0]_LED[2:1]_POL)" for additional information. GPIO19 PORT2LED1 PORT2_LED1_POL GPIO18 PORT1LED2 PORT1_LED2_POL GPIO17 PORT1LED1 PORT1_LED1_POL GPIO16 SOF2 PHYAD4 — GPIO15 SOF0 PHYAD3 GPIO14 PORT3LED2 PHYAD2/ PORT3_LED2_POL To enable LED operation with either a pull-up or pull-down, LED Polarity takes on the inverted value of the configuration strap. Refer to Section 5.17, "LEDs" and Section 3.3.5, "LED Polarity (PORT[3:0]_LED[2:1]_POL)" for additional information. GPIO13 PORT3LED1 PHYAD1/ PORT3_LED1_POL GPIO12 PORT0LED2 PHYAD0/ PORT0_LED2_POL GPIO11 PORT0LED1 LED_MODE/ PORT0_LED1_POL GPIO10 — — — GPIO9 — GPIO8 — GPIO7 — GPIO6 — MODE_SEL4 GPIO5 — MODE_SEL3 GPIO4 — MODE_SEL2 GPIO3 — MODE_SEL1 GPIO2 —— GPIO1 — MODE_SEL0 GPIO0 — ALLPHYAD Note: The following must be considered when using GPIOs: • Configuring a pin as a GPIO input automatically enables an internal pull-up. • Internal pull-up resistors prevent unconnected inputs from floating. Do not rely on internal resistors to drive signals external to the device. When connected to a load that must be pulled high, an external resistor must be added. • Configuring a pin as a GPIO output automatically disables the internal pull-up. Open-drain outputs may require an external pull-up depending on the application. TABLE 5-7: GPIO ALTERNATE FUNCTIONS (CONTINUED) GPIO Alternate Function Configuration Strap Comments |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |