Electronic Components Datasheet Search
  English  ▼

X  

LAN8804D Datasheet(PDF) 41 Page - Microchip Technology

Part # LAN8804D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D Datasheet(HTML) 41 Page - Microchip Technology

Back Button LAN8804D Datasheet HTML 37Page - Microchip Technology LAN8804D Datasheet HTML 38Page - Microchip Technology LAN8804D Datasheet HTML 39Page - Microchip Technology LAN8804D Datasheet HTML 40Page - Microchip Technology LAN8804D Datasheet HTML 41Page - Microchip Technology LAN8804D Datasheet HTML 42Page - Microchip Technology LAN8804D Datasheet HTML 43Page - Microchip Technology LAN8804D Datasheet HTML 44Page - Microchip Technology LAN8804D Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 89 page
background image
LAN8804D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00003591K-page 41
5.11.5
OPEN ALLIANCE TC1/TC12 DCQ PEAK MSE VALUE
This section defines the implementation of section 6.1.3 of the TC1 and TC12 specifications. The peak MSE value is
intended to identify transient disturbances, which are typically in the microsecond range. This mode is enabled by setting
the sqi_enable bit, in the DCQ Configuration register.
With this method, the slicer error is converted into a squared value and then filtered by a programmable low pass filter.
This is similar to taking the average of absolute slicer error over a moving time window.
For each data sample, the difference between the absolute slicer error (scaled by x2 (before squaring) for
1000BASE-T) and the current filtered value is added back into the current filtered value.
The sqi_kp3 field in the DCQ Configuration register sets the weighting of the add back as a divide by 2^(sqi_kp3), effec-
tively setting the filter bandwidth. As the sqi_kp3 value is increased, the weighing is decreased, and the mean slicer
error value takes a longer time to settle to a stable value.
Every 1.0 ms (125,000 symbols), the highest filtered value over that previous 1.0 ms period is saved.
The scale613 field in the DCQ Configuration register is used to set a divide by factor (divide by 2^scale613+3) such that
the peak MSE value is linearly scaled to the range of 0 to 63. If the divided by factor is too small, the peak MSE value
is capped at a maximum of 63.
In order to capture the peak MSE value, the DCQ Read Capture bit in the DCQ Configuration register needs to be written
as a high with the desired cable pair specified in the DCQ Channel Number field of the same register. The DCQ Read
Capture bit will immediately self-clear and the result will be available in the DCQ Peak MSE register.
In addition to the current peak MSE value, the worst case peak MSE value since the last read of DCQ Peak MSE register
is stored in the same register.
5.12
Loopbacks
The device supports the following loopback operations to verify analog and/or digital paths:
• Digital (Near-End) Loopback
• Remote (Far-End) Loopback
TABLE 5-5:
100M SQI PERFORMANCE
SQI Value
Link State
Bit Error Rate (BER)
7Up
< 10-10
No frame drops
6Up
5Up
4Up
3Up
2Up
1Up
0
Intermittent / Down
> 10-10
Frame drops may occur
Note:
All registers references in this section are in Extended Page 1.
Note:
The sqi_squ_mode_en bit in the DCQ Configuration register must be set to choose square mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com