| Electronic Components Datasheet Search |
|
LAN8804D Datasheet(PDF) 52 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8804D Datasheet(HTML) 52 Page - Microchip Technology |
|
52 / 89 page ![]() LAN8804D DS00003591K-page 52 © 2026 Microchip Technology Inc. and its subsidiaries 5.18 Coma Mode Coma mode is designed to hold the PHY in a suspended state until system initialization is complete. When enabled by driving the COMA_MODE pin high, all the errors, alarms, link up/down notifications, etc. are suppressed until COMA_- MODE is driven low. This is useful in designs with multiple PHYs, as it allows all errors to be suppressed until the entire board is configured. Coma mode operates as per Table 5-11. Enhanced Mode 8 (Duplex/Collision) Inactive Half-Duplex link or no link Active Full-Duplex link Blinking Half-Duplex link, collisions detected Enhanced Mode 9 (Collision) Inactive No collisions detected Active N/A Blinking Collisions detected Enhanced Mode 10 (Activity) Inactive No activity Active N/A Blinking Activity Enhanced Mode 11 N/A Reserved Enhanced Mode 12 (Parallel Detect Fault) Inactive No parallel detect fault Active Parallel detect fault Blinking N/A Enhanced Mode 13 N/A Reserved Enhanced Mode 14 (Force LED Off) Inactive LED off Active N/A Blinking N/A Enhanced Mode 15 (Force LED On) Inactive N/A Active LED on Blinking N/A TABLE 5-11: COMA MODE OPERATION Chip Function Coma Mode Active Gigabit PHY Hard Macros Gigabit PHYs held in disabled state (except configuration registers). No data is sent to the line or MAC, no recovered clock, no interrupt/error/ etc. indications given to the system. LEDs LEDs inactive Interrupt Interrupts inactive TABLE 5-10: EXTENDED MODE OPERATION (CONTINUED) Mode PORTxLEDy Definition |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |