Electronic Components Datasheet Search
  English  ▼

X  

LAN8804D Datasheet(PDF) 3 Page - Microchip Technology

Part # LAN8804D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D Datasheet(HTML) 3 Page - Microchip Technology

  LAN8804D Datasheet HTML 1Page - Microchip Technology LAN8804D Datasheet HTML 2Page - Microchip Technology LAN8804D Datasheet HTML 3Page - Microchip Technology LAN8804D Datasheet HTML 4Page - Microchip Technology LAN8804D Datasheet HTML 5Page - Microchip Technology LAN8804D Datasheet HTML 6Page - Microchip Technology LAN8804D Datasheet HTML 7Page - Microchip Technology LAN8804D Datasheet HTML 8Page - Microchip Technology LAN8804D Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
LAN8804D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00003591K-page 3
1.0
PREFACE
1.1
General Terms
TABLE 1-1:
GENERAL TERMS
Term
Description
1000BASE-T
1 Gbps Ethernet over twisted pair, IEEE 802.3 compliant
100BASE-TX
100 Mbps Ethernet over twisted pair, IEEE 802.3 compliant
10BASE-T
10 Mbps Ethernet over twisted pair, IEEE 802.3 compliant
10BASE-Te
Energy-efficient version of 10BASE-T, IEEE 802.3 compliant
ADC
Analog-to-Digital Converter
AFE
Analog Front End
AGC
Automatic Gain Control
AN
Auto-Negotiation
AWG
Additive White Gaussian
BER
Bit Error Rate
Byte
8 bits
DCQ
Dynamic Channel Quality
DSP
Digital Signal Processing
EDPD
Energy-Detect Power-Down
EEE
Energy Efficient Ethernet
EMI
Electromagnetic interference
FCS
Frame Check Sequence
FIFO
First In First Out buffer
FLP
Fast Link Pulse
GMII
Gigabit Media Independent Interface
GPIO
General Purpose I/O
HBM
Human Body Model. Simulates ESD from humans.
ISI
Inter-symbol interference
JTP
Jitter Test Pattern
LDO
Linear Drop-Out regulator
LFSR
Linear Feedback Shift Register
LPI
Low Power Idle
MAC
Media Access Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com