Electronic Components Datasheet Search
  English  ▼

X  

LAN8804D Datasheet(PDF) 19 Page - Microchip Technology

Part # LAN8804D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D Datasheet(HTML) 19 Page - Microchip Technology

Back Button LAN8804D Datasheet HTML 15Page - Microchip Technology LAN8804D Datasheet HTML 16Page - Microchip Technology LAN8804D Datasheet HTML 17Page - Microchip Technology LAN8804D Datasheet HTML 18Page - Microchip Technology LAN8804D Datasheet HTML 19Page - Microchip Technology LAN8804D Datasheet HTML 20Page - Microchip Technology LAN8804D Datasheet HTML 21Page - Microchip Technology LAN8804D Datasheet HTML 22Page - Microchip Technology LAN8804D Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 89 page
background image
LAN8804D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00003591K-page 19
TABLE 3-6:
JTAG PINS
Name
Symbol
Buffer
Type
Description
JTAG Mux Select
TMS
SRL
JTAG test mode select
JTAG Clock
TCK
SRL
JTAG test clock
JTAG Data Input
TDI
SRL
JTAG data input
JTAG Data
Output
TDO
SRL
JTAG data output
TABLE 3-7:
CONFIGURATION STRAP INPUT PINS
Name
Symbol
Buffer
Type
Description
PHY Base
Address
Configuration
Straps
PHYAD[4:0]
VIS
Configures the PHY Management base address, used with
MDIO bus transactions. The PHY base address, PHYAD[4:0],
is sampled and latched at power-up/reset and is configurable
to any value from 0 to 1Fh. Each PHY address bit is configured
as follows:
Pulled-up = 1
Pulled-down = 0
The addresses of each of the 4 PHYs are the base value, as
defined by PHYAD[4:0], plus offsets of 0, 1, 2 and 3. Refer to
Section 3.3.2, "PHY Address (PHYAD[4:0])" for additional
information.
Note:
PHYAD[4:0] must never be greater than ‘h1C.
LED Polarity
Configuration
Straps
PORT0_LED1_POL
PORT0_LED2_POL
PORT1_LED1_POL
PORT1_LED2_POL
PORT2_LED1_POL
PORT2_LED2_POL
PORT3_LED1_POL
PORT3_LED2_POL
VIS
Configures LED polarity as Active High or Active Low. Since
the LED pins are shared with configuration straps, the default
polarity of the LED pins is determined during strap loading.
If the strap value on a pin is a 0, the LED is set as active high
(PORTx_LEDy_POL = 1), since it is assumed that a LED to
ground is used as the pull-down.
Note:
When using a LED as a pull-down strap, an exter-
nal supplemental pull-down resistor may be
needed to ensure a valid low level.
If the strap value on a pin is 1, the LED is set as active low
(PORTx_LEDy_POL = 0), since it is assumed that a LED to
VDDIO is used as the pull-up.
Refer to Section 3.3.5, "LED Polarity
(PORT[3:0]_LED[2:1]_POL)" for additional information.
Device Mode
Configuration
Straps
MODE_SEL[4:0]
VIS
Configures the specific functional mode of all PHYs. The
MODE[4:0] configuration straps are sampled and latched at
power-up/reset and are defined in Section 3.3.1, "Device Mode
Select (MODE_SEL[4:0])".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com