Electronic Components Datasheet Search
  English  ▼

X  

LAN8804D Datasheet(PDF) 60 Page - Microchip Technology

Part # LAN8804D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D Datasheet(HTML) 60 Page - Microchip Technology

Back Button LAN8804D Datasheet HTML 56Page - Microchip Technology LAN8804D Datasheet HTML 57Page - Microchip Technology LAN8804D Datasheet HTML 58Page - Microchip Technology LAN8804D Datasheet HTML 59Page - Microchip Technology LAN8804D Datasheet HTML 60Page - Microchip Technology LAN8804D Datasheet HTML 61Page - Microchip Technology LAN8804D Datasheet HTML 62Page - Microchip Technology LAN8804D Datasheet HTML 63Page - Microchip Technology LAN8804D Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 89 page
background image
LAN8804D
DS00003591K-page 60
© 2026 Microchip Technology Inc. and its subsidiaries
4 ports + QSGMII,
Energy Detect Power Down mode, QSGMII up
97
192
0.7
750
4 ports + QSGMII,
Software Power Down mode, QSGMII up
84
41
0.7
238
4 ports + QSGMII,
Software Power Down mode, QSGMII down
29
25
0.7
120
4 ports + QSGMII,
hardware reset
16
180
0.9
616
TABLE 6-2:
TYPICAL FOUR PORT (1.21V, 2.5V, 2.5V) POWER CONSUMPTION
Device Conditions
1.21V
Total (mA)
(Note 6-3)
2.5V VDDAH
Total (mA)
(Note 6-4)
2.5V VDDIO
Total (mA)
(Note 6-5)
Total Device
Power (mW)
4 ports + QSGMII, 1000BASE-T Master link-up,
no traffic
754
334
3.5
1755
4 ports + QSGMII, 1000BASE-T Slave link-up,
No traffic
757
333
3.5
1757
4 ports + QSGMII, 100BASE-TX link-up,
no traffic
260
165
5.3
739
4 ports + QSGMII, 10BASE-T link-up,
no traffic
114
156
8.3
547
4 ports + QSGMII, 10BASE-Te link-up,
no traffic
114
160
8.8
560
4 ports + QSGMII, 1000BASE-T Master full-duplex,
100% utilization
778
333
3.8
1781
4 ports + QSGMII, 1000BASE-T Slave full-duplex,
100% utilization
783
332
0.4
1778
4 ports + QSGMII, 100BASE-TX full-duplex,
100% utilization
257
166
5.3
738
4 ports + QSGMII, 10BASE-T full-duplex,
100% utilization
113
206
8.4
673
4 ports + QSGMII, 10BASE-Te full-duplex,
100% utilization
114
230
8.5
733
4 ports + QSGMII, 1000BASE-T Master,
EEE Sleep state
226
212
4.2
811
4 ports + QSGMII, 1000BASE-T Slave,
EEE Sleep state
226
212
3.5
810
TABLE 6-1:
TYPICAL FOUR PORT (1.21V, 3.3V, 3.3V) POWER CONSUMPTION (CONTINUED)
Device Conditions
1.21V
Total (mA)
(Note 6-3)
3.3V VDDAH
Total (mA)
(Note 6-4)
3.3V VDDIO
Total (mA)
(Note 6-5)
Total Device
Power (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com