Electronic Components Datasheet Search
  English  ▼

X  

LAN8804D Datasheet(PDF) 6 Page - Microchip Technology

Part # LAN8804D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D Datasheet(HTML) 6 Page - Microchip Technology

Back Button LAN8804D Datasheet HTML 2Page - Microchip Technology LAN8804D Datasheet HTML 3Page - Microchip Technology LAN8804D Datasheet HTML 4Page - Microchip Technology LAN8804D Datasheet HTML 5Page - Microchip Technology LAN8804D Datasheet HTML 6Page - Microchip Technology LAN8804D Datasheet HTML 7Page - Microchip Technology LAN8804D Datasheet HTML 8Page - Microchip Technology LAN8804D Datasheet HTML 9Page - Microchip Technology LAN8804D Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
LAN8804D
DS00003591K-page 6
© 2026 Microchip Technology Inc. and its subsidiaries
1.2
Buffer Types
TABLE 1-2:
BUFFER TYPE DESCRIPTIONS
Buffer
Description
AI
Analog input
AO
Analog output
AIO
Analog bidirectional
GND
Ground pin
ICLK
Crystal oscillator input pin
LVDS1
LVDS1 input pin
LVDS2
LVDS2 input pin
OCLK
Crystal oscillator output pin
SRL
Slew Rate Limited output
VIS
Variable voltage Schmitt-triggered input
VO12
Variable voltage output with 12 mA sink and 12 mA source
VOD12
Variable voltage open-drain output with 12 mA sink
VOS12
Variable voltage open-source output with 12 mA source
PU
70 kΩ (typical) internal pull-up. Unless otherwise noted in the pin description, internal pull-ups
are always enabled.
Note:
Internal pull-up resistors prevent unconnected inputs from floating. Do not rely on
internal resistors to drive signals external to the device. When connected to a load
that must be pulled high, an external resistor must be added.
PD
70 kΩ (typical) internal pull-down. Unless otherwise noted in the pin description, internal pull-
downs are always enabled.
Note:
Internal pull-down resistors prevent unconnected inputs from floating. Do not rely on
internal resistors to drive signals external to the device. When connected to a load
that must be pulled low, an external resistor must be added.
P
Power pin
Note:
Digital signals are not 5V tolerant unless specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com