Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 7Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 8Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 9Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 10Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 11Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 12Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 13Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 14Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTRODUCTION
Preliminary
1-1
1 INTRODUCTION
The TCC76x is a system LSI for digital media player based on the ARM940T, ARM’s proprietary 32-bit RISC CPU
core. It can decode and encode MP3 or other types of audio/voice compression/decompression standards by
software based architecture. The on-chip USB controller enables the data transmission between a personal
computer and storage device such as NAND flash, HDD, CD etc.
Table 1.1 TCC76x Derivatives
Name
Package
Description
TCC760
128-TQFP-1414
Minimal feature set for digital media player
208-LQFP-2828
TCC761
208-TBGA-1515
TCC760 + LCD Interface + 32bit External Bus
TCC763
144-FPBGA-1010
TCC760 + 512KB NOR Flash + High performanceAudio CODEC
TCC764
144-FPBGA-1010
TCC760 + 1MB NOR Flash + High performanceAudio CODEC
TCC766
232-FPBGA-1414
TCC760 + 1MB NOR Flash + High performanceAudio CODEC + USB2.0
TCC767
225-FPBGA-1313
TCC760 + 1MB NOR Flash + USB2.0
TCC768
144-FPBGA-1010
TCC760 + 512KB NOR Flash + High performanceAudio CODEC + 2MB SDRAM
1.1 Features
•
ARM940T CPU core
-
4KB instruction, 4KB data cache
-
Operating up to 140MHz
•
4Kbytes of internal boot ROM with various boot procedure (NAND, UART) and security
•
64K bytes of internal SRAM for general usage
•
On-chip peripherals (TCC760 and TCC761 Core Blocks)
-
External Memory controller for various memories including PROM, NOR & NAND Flash, SRAM, SDRAM, DDR
SDRAM (optional), etc.
-
IDE Interface for HDD or external USB 2.0 device
-
USB1.1 Host & device (Full speed)
-
LCD controller supporting STN, TFT type LCD as well as NTSC/PAL interface (TCC761 only)
-
Video input port for CMOS sensor module interface (TCC761 / TCC760 only)
-
ECC generator for SLC and MLC NAND Flash
-
I2S interface for external audio CODEC
-
I2S interface for CD-DSP interface
-
UART/IrDA for serial host interface
-
GSIO for supporting various serial interfaces
-
GPIO for various purposes
-
Support 4 external interrupts
-
I2C compatible serial bus
-
2-Channel DMA for transferring a bulk of data
-
Four 16bit timer/counters with PWM output and two 20bit timers
-
32-bit 1Hz counter
-
General purpose 10-bit ADC
-
JTAG interface for code debugging
•
4 or 8Mbits of NOR Flash (TCC763 ~ TCC768)
•
High performance Audio CODEC (TCC763, TCC764, TCC766 and TCC768)
-
Highly Efficient Headphone Driver
-
Microphone Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com