Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 99 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 99 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 95Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 96Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 97Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 98Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 99Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 100Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 101Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 102Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 103Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
GPIO PORT
Preliminary
7-1
7 GPIO PORT
7.1 Overview
The TCC76x has a lot of general purpose I/Os that can be programmed by setting internal registers. All I/Os are set
to input mode at reset. Except for GPIO_B[29:26] (USB transceiver I/Os), all pins named with GPIO have the
following features.
-
Programmable internal pull-up resistor
-
Programmable drive strength control (4/6/8/12mA) for output mode
-
Programmable I/O direction control
GD A T A
Write
R ead G D A T A
O utput of other
block
GP IO pin
G SEL, G T SEL
0
2
GIOC O N
1
0
1
O utput of test or
other block
C ontrol of test or
other block
C ontrol of other
block
0
2
1
P ull-up resistor
control from
CF G P Ux register
Figure 7.1 GPIO Block Diagram
The I/O mode can be set by the state of GIOCON register.
If a bit of GIOCON register is 1, the corresponding GPIO pin has come to output mode, and if 0, which is the default
state of GIOCON register, the corresponding GPIO pin is set to input mode.
If GPIO pin is set to input mode, GPIO pin’s state can be fed to CPU by reading GDATA register and when output
mode, GPIO pin’s state can be controlled by the state of the corresponding bit of GDATA register.
If GDATA register is read when the mode is output mode, the value that CPU gets is the one that CPU has written
before.
In the TCC76x, there are various kinds of peripherals that generate its own control signals. These peripherals can
occupy the dedicated GPIO pins. This option is controlled by the state of the GSEL and GTSEL register.
If a bit of these GSEL or GTSEL is 1, the corresponding GPIO pin is entered to other function mode, so used by other
peripherals not by GPIO block. The direction control method of GPIO pins in the other function mode is determined
case by case. One of them follows the normal direction control method using GIOCON register, the other method uses
a its own direction control signals.
For drive strength and internal pull-up resistor control, refer to section 12.2 Miscellaneous Register Description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com