Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 103 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 103 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 99Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 100Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 101Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 102Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 103Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 104Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 105Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 106Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 107Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
GPIO PORT
Preliminary
7-5
LCD [20:17]
GPIO_B[20:17] Function Select
0
GPIO_B[20:17] pin is working as Normal GPIO Function
LCD[3] = 1
LCD[2] = 1
LCD[1] = 1
LCD[0] = 1
GPIO_B[20] pin is working as AC_BIAS of LCD block
GPIO_B[19] pin is working as PXCLK of LCD block
GPIO_B[18] pin is working as VSYNC of LCD block
GPIO_B[17] pin is working as HSYNC of LCD block
* These fields are valid only in TCC761.
GS3 [12:10]
GPIO_B[12:10] Function Select
0
GPIO_B[12:10] pin is working as Normal GPIO Function
GS3[2] = 1
GS3[1] = 1
GS3[0] = 1
GPIO_B[12] pin is working as FRM of GSIO3 block
GPIO_B[11] pin is working as SCK of GSIO3 block
GPIO_B[10] pin is working as SDO of GSIO3 block
* These fields are valid only in TCC761.
UTX [8]
GPIO_B[8] Function Select
0
GPIO_B[8] pin is working as Normal GPIO Function
1
GPIO_B[8] : UART TX signal of UART block
NWE [7]
GPIO_B[7] Function Select
0
GPIO_B[7] pin is working as Normal GPIO Function
1
GPIO_B[7] : ND_nWE (write enable for NAND flash)
IDE [6]
GPIO_B[6] Function Select
0
GPIO_B[6] pin is working as Normal GPIO Function
1
GPIO_B[6] : IDE_nCS1 (chip select for IDE device)
* These fields are valid only in TCC761.
CS [5:2]
GPIO_B[5:2] Function Select
0
GPIO_B[5:2] pin is working as Normal GPIO Function
CS[3] = 1
CS[2] = 1
CS[1] = 1
CS[0] = 1
GPIO_B[5] : nCS3 or ND_nOE3 of memory controller
GPIO_B[4] : nCS2 or ND_nOE2 of memory controller
GPIO_B[3] : nCS1 or ND_nOE1 of memory controller
GPIO_B[2] : nCS0 or ND_nOE0 of memory controller
SCS [1]
GPIO_B[1] Function Select
0
GPIO_B[1] pin is working as Normal GPIO Function
1
GPIO_B[1] : SD_nCS (chip select for SDRAM)
CKE [0]
GPIO_B[0] Function Select
0
GPIO_B[0] pin is working as Normal GPIO Function
1
GPIO_B[0] : SD_CKE (clock enable for SDRAM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com