Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 104 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 104 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 100Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 101Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 102Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 103Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 104Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 105Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 106Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 107Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 108Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
GPIO PORT
Preliminary
7-6
GPIO_B Test Select Register (GTSEL_B)
0x8000031C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
EX1A
EX2
0
EX1B
GST[2:0]
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
IDECS
0
EX1CLK
0
FOUT
If a bit is set to 1, and the corresponding bit of GSEL_B is 0, GPIO_B pin is used by the
other dedicated peripherals.
EX1A [29]
GPIO_B[29] Function Select
0
GPIO_B[29] pin is working as Normal GPIO Function or USB DN
1
GPIO_B[29] pin is working as EX1CLK from Clock Controller
EX2 [28]
GPIO_B[28] Function Select
0
GPIO_B[28] pin is working as Normal GPIO Function or USB DP
1
GPIO_B[28] pin is working as EX2CLK from Clock Controller
EX1A [24]
GPIO_B[24] Function Select
0
GPIO_B[24] pin is working as Normal GPIO Function or I2S Data
Output
1
GPIO_B[24] pin is working as EX1CLK from Clock Controller
GST [23:21]
GPIO_B[23:21] Function Select
0
GPIO_B[23:21] pin is working as Normal GPIO Function
GST[2] = 1
GST[1] = 1
GST[0] = 1
GPIO_B[23] pin is working as FRM of 1 of 4 GSIO blocks
GPIO_B[22] pin is working as SCK of 1 of 4 GSIO blocks
GPIO_B[21] pin is working as SDO of 1 of 4 GSIO blocks
IDECS [9]
GPIO_B[9] Function Select
0
GPIO_B[9] pin is working as Normal GPIO Function
1
GPIO_B[9] pin is working as IDE_nCS1
EX1CLK
[5:2]
GPIO_B[5:2] Function Select
0
GPIO_B[5:2] pin is working as Normal GPIO Function
1
GPIO_B[5:2] pin is working as EX1CLK from Clock Controller
FOUT [0]
GPIO_B[0] Function Select
0
GPIO_B[0] pin is working as Normal GPIO Function
1
GPIO_B[0] pin is working as FOUT from Clock Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com