Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 105 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 105 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 101Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 102Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 103Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 104Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 105Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 106Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 107Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 108Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 109Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
GPIO PORT
Preliminary
7-7
GPIO_C Data Register (GDATA_C)
0x80000320
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Data for GPIO_C[15:0] pin
* This register is valid only in TCC761.
If a certain GPIO_C pin is set to output mode and act as GPIO, the corresponding bit of
this register controls the status of GPIO_C pin; Low or High. If it is set to input mode and
act as GPIO, the corresponding bit represents the status of GPIO_C pin; Low or High.
GPIO_C Direction Control Register (GIOCON_C)
0x80000324
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Direction control for GPIO_C[15:0] pin
* This register is valid only in TCC761.
If a bit is set to 1, the corresponding GPIO pin is set to output mode. GPIO_C port works
only in 16-bit bus mode. In 32-bit bus mode, this port works as an upper half bus of 32-bit
data bus.
GPIO_D Data Register (GDATA_D)
0x80000330
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
Data for GPIO_D[21:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Data for GPIO_D[15:0] pins (Bits [14:0] are valid only in TCC761)
GPIO_D Direction Control Register (GIOCON_D)
0x80000334
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
Direction Control for GPIO_D[21:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Direction control for GPIO_D[15:0] pin (Bits [14:0] are valid only in TCC761)
* At power on reset, internal pull-up resistors are enabled for GPIO_D[21:18] pins.
If a bit is set to 1, the corresponding GPIO_D pin is set to output mode. If set to 0, GPIO_D pin is set to input
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com