Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 20Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 21Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 22Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 23Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 24Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 25Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 26Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 27Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTRODUCTION
Preliminary
1-14
Signal Name
Shared Signal
Pin # Type Description – TCC761
TCK
162
I
JTAG test clock forARM940T
TDO
163
I/O
JTAG serial data output for ARM940T. External pull-up resistor is
required to prevent floating during normal operation.
nTRST
164
I
JTAG reset signal forARM940T. Active low.
Power Pins
VDDIO
184
183
124
123
54
53
23
22
PWR
Digital Power for I/O (1.8V ~ 3.3V)
VDD_USB
104
103
PWR
Power for USB I/O (3.3V)
VDD_OSC
116
PWR
Digital Power for Oscillators (1.8V)
VDDI
198
197
179
63
39
12
PWR
Digital Power for Internal Core (1.8V)
VDDI_ADC
146
PWR
Digital Power forADC (1.8V)
VDDA_ADC
135
PWR
Analog Power forADC (3.3V)
VDDA_PLL
131
PWR
Analog & Digital Power for PLL (1.8V)
VSSIO
158
157
106
105
79
78
52
51
2
1
GND
Digital Ground for I/O
VSSI
199
181
180
92
41
40
13
GND
Digital Ground for Internal
VSSI_ADC
147
GND
Digital ground forADC
VBBA_ADC
145
GND
Analog Ground forADC
VSSA_ADC
144
GND
Analog Ground forADC
VBBA_PLL
134
GND
Analog Ground for PLL
VSSA_PLL
133
GND
Analog Ground for PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com