Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 13Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 14Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 15Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 16Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 17Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 18Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 19Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 20Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTRODUCTION
Preliminary
1-7
1.4 Pin Description
The status of the following GPIO pins are latched at the rising edge of nRESET and used to determine the system bus width and
boot mode. External devices must not drive output levels onto these pins during reset period.
Pin Name
State during reset
State after reset
During normal function with DAI enabled
GPIO_A[9] / BW[1]
GPIO_A[8] / BW[0]
Bus Width Configuration Input Normal GPIO Input Mode
GPIO Output Mode for 2-Wire Interface Clock and Data
GPIO_B[24] / BM[2]
GPIO_B[22] / BM[1]
GPIO_B[21] / BM[0]
Boot Mode Configuration Input Normal GPIO Input Mode
DAO (I2S DigitalAudio Output)
LRCK (I2S Word Clock Output)
BCLK (I2S Bit Clock Output)
Refer to sections “BOOTING PROCEDURE” and “MEMORY CONTROLLER” for detailed description of BW[1:0] and BM[2:0].
In case of the TCC763, TCC764, TCC766 and TCC768, GPIO_B[22:21]/BM[1:0] signals are connected to internal
audio CODEC pins which have on-chip pull-down resistor. If external pull-up resistors are required for these pins,
4.7k
Ω is recommended.
The TCC76x is a CMOS device. Floating level on input signals cause unstable device operation and abnormal
current consumption. Pull-up or pull-down resistors should be used appropriately for input or bidirectional pins.
Notation
I :
Input
O:
Output
I/O:
Bidirectional
AI:
Analog Input
AO:
Analog Output
PWR:
Power
GND:
Ground
1.4.1 TCC760 Pin Description
Table 1.2 TCC760 Pin Description
Signal Name
Shared Signal
Pin #
Type Description – TCC760
External Memory Interface Pins
SD_CKE
GPIO_B[0]
56
I/O
SDRAM Clock Enable signal. Active high. / GPIO_B[0]
SD_CLK
GPO
44
I/O
SDRAM Clock / GPO. SD_CLK can be used as a general
purpose output. Refer to section “MEMORY CONTROLLER”.
(MCFG register Bit[3] and Bit[1])
SD_nCS
SD_nCLK / GPIO_B[1]
46
I/O
Chip select signal for SDRAM, Active low / Inverted SD_CLK for
DDR SDRAM / GPIO_B[1]
XA[21:20]
DQM[0:1]
43:42
I/O
External Bus Address Bit [21:20] / Data I/O Mask 0, 1
XA[19:18]
DQS[1:0]
40:39
I/O
External BusAddress Bit [19:18] / DDR SDRAM Data Strobe [1:0]
XA[17]
ND_CLE
38
I/O
External Bus Address Bit [17] / CLE for NAND Flash
XA[16]
SD_nRAS / ND_ALE
37
I/O
External Bus Address Bit [16] / SDRAM RAS signal / ALE
for NAND Flash
XA[15]
SD_nCAS
36
I/O
External Bus Address Bit [15] / SDRAM CAS signal
XA[14]
SD_BA[1]
35
I/O
External Bus Address Bit [14] / SDRAM Bank Address 1
XA[13]
SD_BA[0]
34
I/O
External Bus Address Bit [13] / SDRAM Bank Address 0.
XA[12:7]
31:26
XA[6:0]
23:17
I/O
External Bus Address Bits [12:0]
XD[15:9]
15:9
XD[8:4]
6:2
I/O
External Bus Data Bit [15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com