Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 54Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 55Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 56Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 57Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 58Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 59Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 60Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 61Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
ADDRESS & REGISTER MAP
Preliminary
2-4
Table 2.5 Timer/Counter Register Map (Base = 0x80000200)
Name
Address
Type
Reset
Description
TCFG0
0x0000
R/W
0x00
Timer/Counter 0 Configuration Register
TCNT0
0x0004
R/W
0x0000
Timer/Counter 0 Counter Register
TREF0
0x0008
R/W
0xFFFF
Timer/Counter 0 Reference Register
TMREF0
0x000C
R/W
0x0000
Timer/Counter 0 Middle Reference Register
TCFG1
0x0010
R/W
0x00
Timer/Counter 1 Configuration Register
TCNT1
0x0014
R/W
0x0000
Timer/Counter 1 Counter Register
TREF1
0x0018
R/W
0xFFFF
Timer/Counter 1 Reference Register
TMREF1
0x001C
R/W
0x0000
Timer/Counter 1 Middle Reference Register
TCFG2
0x0020
R/W
0x00
Timer/Counter 2 Configuration Register
TCNT2
0x0024
R/W
0x0000
Timer/Counter 2 Counter Register
TREF2
0x0028
R/W
0xFFFF
Timer/Counter 2 Reference Register
TMREF2
0x002C
R/W
0x0000
Timer/Counter 2 Middle Reference Register
TCFG3
0x0030
R/W
0x00
Timer/Counter 3 Configuration Register
TCNT3
0x0034
R/W
0x0000
Timer/Counter 3 Counter Register
TREF3
0x0038
R/W
0xFFFF
Timer/Counter 3 Reference Register
TMREF3
0x003C
R/W
0x0000
Timer/Counter 3 Middle Reference Register
TCFG4
0x0040
R/W
0x00
Timer/Counter 4 Configuration Register
TCNT4
0x0044
R/W
0x00000
Timer/Counter 4 Counter Register
TREF4
0x0048
R/W
0xFFFFF
Timer/Counter 4 Reference Register
TCFG5
0x0050
R/W
0x00
Timer/Counter 5 Configuration Register
TCNT5
0x0054
R/W
0x00000
Timer/Counter 5 Counter Register
TREF5
0x0058
R/W
0xFFFFF
Timer/Counter 5 Reference Register
TIREQ
0x0060
R/W
0x0000
Timer/Counter n Interrupt Request Register
TWDCFG
0x0070
R/W
0x0000
Watchdog Timer Configuration Register
TWDCLR
0x0074
W
-
Watchdog Timer Clear Register
TC32EN
0x0080
R/W
0x00007FFF
32-bit Counter Enable / Pre-scale Value
TC32LDV
0x0084
R/W
0x00000000
32-bit Counter Load Value
TC32CMP0
0x0088
R/W
0x00000000
32-bit Counter Match Value 0
TC32CMP1
0x008C
R/W
0x00000000
32-bit Counter Match Value 1
TC32PCNT
0x0090
R/W
-
32-bit Counter Current Value (pre-scale counter)
TC32MCNT
0x0094
R/W
-
32-bit Counter Current Value (main counter)
TC32EN
0x0080
R/W
0x00007FFF
32-bit Counter Enable / Pre-scale Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com