Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 88 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 88 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 84Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 85Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 86Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 87Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 88Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 89Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 90Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 91Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 92Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTERRUPT CONTROLLER
Preliminary
5-6
Trigger Mode Register (TMODE)
0x80000130
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
CIF
I2C
ADC
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RDY
TC32 DMA
LCD CDIF
UBH
GS
UB
UT
TC
I2T
I2R
Reserved
This register selects trigger mode (0: edge, 1:level) for each internal interrupt source.
Synchronization Control Register (SYNC)
0x80000134
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
CIF
I2C
ADC
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RDY
TC32 DMA
LCD CDIF
UBH
GS
UB
UT
TC
I2T
I2R
Reserved
By default, all internal interrupt source lines are synchronized to HCLK. This register disables synchronization
registers (0: sync enabled, 1:sync disabled). Do not disable synchronization if an interrupt source is asynchronous to
HCLK
Wakeup Control Register (WKUP)
0x80000138
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
CIF
I2C
ADC
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RDY
TC32 DMA
LCD CDIF
UBH
GS
UB
UT
TC
I2T
I2R
E3
E2
E1
E0
This register enables each interrupt source to be used as an asynchronous wakup event for Power Down or IDLE
mode. By default, all interrupt source lines are used for system wakeup events in power down mode. (0: enabled, 1:
disabled). Appropriate bits must be enabled before the system enters power down mode (clock stop mode).
Otherwise, system cannot wakeup. Refer to section “Power Down Mode” and “IDLE mode” in Chapter “Clock
Generator”.
Before enable E3 ~ E0 (external interrupt pins), FE3 ~ FE0 bits of ICFG register must be changed to control the
polarity of each external interrupt pin. In wakup event control logic, FE3 ~ FE0 bits of ICFG are used as polarity
control bits for the external interrupt pins (“0” indicates active low, “1” indicates active high). Watch out for the different
interpretation of ICFG register between two logics.
Table 5.3 ICFG Usage for WakeUp Event
Interrupt Generation Logic
FEn, DTYPEn of
ICFG Register
Triggering
Noise Filter
WakeUp Event Control Logic
000
Falling edge triggered
Filter enabled
001
Rising edge triggered
Filter enabled
010
Both edge triggered
Filter enabled
011
Low level triggered
Filter enabled
Low level trigger, filter disabled
100
Falling edge triggered
Filter disabled
101
Rising edge triggered
Filter disabled
110
Both edge triggered
Filter disabled
111
High level triggered
Filter enabled
High level trigger, filter disabled
As long as the HCLK is alive, any interrupt source lines with the corresponding Interrupt Enable bit active can
wakeup the system from Power Down or IDLE Mode. (The TCC76x Clock Generator also accepts nIRQ and
nFIQ for wakeup). But when the HCLK is stopped, the Interrupt Controller is stopped also, and no event output
is generated to the clock generation logic. Thus, the system can never be woke up if Wakup Control Register is
not used at all.
Wakeup Control Register must be used in Power Down or IDLE Mode if the HCLK is to be disabled.
It is recommended to disable Interrupt Enable Register if Wakeup Control Register bits are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com