Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 58Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 59Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 60Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 61Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 62Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 63Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 64Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 65Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
ADDRESS & REGISTER MAP
Preliminary
2-8
Table 2.10 UART/IrDA Register Map (Base = 0x80000600)
Name
Address
Type
Reset
Description
UTRXD
0x00
R
Unknown
Receiver Buffer Register
UTTXD
0x00
W
Unknown
Transmitter Holding Register
UTDL
0x04
W
0x0000
Divisor Latch Register
UTIR
0x08
R/W
0x000
Interrupt Register
UTCR
0x0C
R/W
0x000
UART Control Register
UTLSR
0x10
R
0x0101
Status Register
IrDACFG1
0x14
R/W
0x0003
IrDA Configuration Register 1
IrDACFG2
0x18
R/W
0x4da1
IrDA Configuration Register 2
Table 2.11 GSIO Register Map (Base = 0x80000700)
Name
Address
Type
Reset
Description
GSDO0
0x00
R/W
Unknown
GSIO0 Output Data Register
GSDI0
0x04
R/W
Unknown
GSIO0 Input Data Register
GSCR0
0x08
R/W
0x0000
GSIO0 Control Register
GSGCR
0x0C
R/W
0x0000
GSIO Global Control Register
GSDO1
0x10
R/W
Unknown
GSIO1 Output Data Register
GSDI1
0x14
R/W
Unknown
GSIO1 Input Data Register
GSCR1
0x18
R/W
0x0000
GSIO1 Control Register
GSDO2
0x20
R/W
Unknown
GSIO2 Output Data Register
GSDI2
0x24
R/W
Unknown
GSIO2 Input Data Register
GSCR2
0x28
R/W
0x0000
GSIO2 Control Register
GSDO3
0x30
R/W
Unknown
GSIO3 Output Data Register
GSDI3
0x34
R/W
Unknown
GSIO3 Input Data Register
GSCR3
0x38
R/W
0x0000
GSIO3 Control Register
Table 2.12 I2C Register Map (Base Address = 0x80000800)
Name
Address
Type
Reset
Description
PRES
0x00
RW
0xFFFF
Clock Prescale register
CTRL
0x04
RW
0x0000
Control Register
TXR
0x08
W
0x0000
Transmit Register
CMD
0x0C
W
0x0000
Command Register
RXR
0x10
R
0x0000
Receive Register
SR
0x14
R
0x0000
Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com