Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 88Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 89Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 90Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 91Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 92Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 93Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 94Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 95Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
TIMER / COUNTER
Preliminary
6-4
Following figure illustrates the basic behavior of timer / counter.
TCNT
TCO
TCLK
0
nTREQ
CONT= 1, IEN =1 , PWM =0 , TCKSEL= 0, TREF=3
TCK
1
2
TCO
TCO is inverted
TEQU
TCNT
TCO
TCLK
0
nTREQ
CONT =0 , IEN= 1, PWM= 1, TCKSEL=0 , TREF=3 , TMREF= 1
TCK
1
2
3
TMEQU
0
1
2
TEQU
3
4
5
6
Figure 6.2 Timing diagram of timer/counter
Timer/Counter n Counting Register (TCNTn)
0x80000204 + (0x10 * n)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
TCNTn[19:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TCNTn[15:0]
TCNTn is increased by 1 at every pulse of selected clock source. TCNTn can be set to
any value by writing to this register. In case of timer 4 and timer 5, it has 20 bits,
otherwise it has 16 bits.
Timer/Counter n Counting Reference Register (TREFn)
0x80000208 + (0x10 * n)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
TREFn[19:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TREFn[15:0]
When TCNTn is reached at TREFn and the CON flag of TCFGn register is set to 1, the
TCNTn is cleared to 0 at the next pulse of selected clock source. According to the TCFGn
settings, various kinds of operations may be done. In case of timer 4 and timer 5, it has 20
bit, otherwise it has 16 bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com