Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 15Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 16Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 17Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 18Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 19Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 20Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 21Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 22Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTRODUCTION
Preliminary
1-9
Signal Name
Shared Signal
Pin #
Type Description – TCC760
GPIO_A[0]
SDO0 / FGPIO[0]
104
I/O
GPIO_A[0] / General purpose serial I/O 0 Serial Data Output
FGPIO[0]
GPIO_B[29:28]
USBH_DN, USBH_DP
54:53
I/O
GPIO_B[29:28] / USBH_DN, USBH_DP
GPIO_B[27:26]
USB_DN, USB_DP
52:51
I/O
GPIO_B[27:26] / USB_DN, USB_DP
GPIO_B[25]
GPIO_B[24] / BM[2]
GPIO_B[23]
GPIO_B[22] / BM[1]
GPIO_B[21] / BM[0]
DAI
DAO
MCLK
LRCK
BCLK
68
67
66
63
62
I/O
GPIO_B[25:21] / Boot Mode bits 2 ~ 0 / I2S Interface Signals.
The status of BM[2:0] is latched at the rising edge of nRESET and
used to determine the system boot mode. Refer to sections
“BOOTING PROCEDURE” and “MEMORY CONTROLLER” for
detailed description on BM[2:0].
GPIO_B[9]
UT_RX
61
I/O
GPIO_B[9 ] / UART RX Signal
GPIO_B[8]
UT_TX / SD_nCS
60
I/O
GPIO_B[8] / UARTTX Signal / DDR SDRAM Chip Select
GPIO_B[7]
ND_nWE
57
I/O
GPIO_B[7] / Write Enable for NAND Flash
GPIO_B[5:2]
nCS[3:0]
50:47
I/O
GPIO_B[5:2] / External Chip Select 3 ~ 0
GPIO_B[1]
SD_nCS / SD_nCLK
46
I/O
GPIO_B[1] / Chip select for SDRAM / Inverted Clock for DDR
SDRAM.
GPIO_B[0]
SD_CKE
56
I/O
GPIO_B[0] / SDRAM clock control
GPIO_D[21:18]
FGPIO[14:11] / CISD[7:4]
96:93
I/O
GPIO_D[21:18] / Fast GPIO bits 14 ~11 / Camera Interface Data
Inputs 3 ~ 0. Internal pull-up resistors are enabled at reset.
GPIO_D[17]
FGPIO[10] / SCL / CISHS
92
I/O
GPIO_D[17] / Fast GPIO bit 10/ I2C SCL / Camera Interface Hsync.
GPIO_D[16]
FGPIO[9] / SDA/ CISVS
91
I/O
GPIO_D[16] / Fast GPIO bit 9 / I2C SDA/ Camera Interface Vsync.
GPIO_D[15]
FGPIO[9] / CISCLK
90
I/O
GPIO_D[15] / Fast GPIO bit 8 / Camera Interface Clock
ADC Input Pins
ADIN_0
-
82
AI
General purpose multi-channelADC input 0
ADIN_2
-
83
AI
General purpose multi-channelADC input 2
ADIN_4
-
84
AI
General purpose multi-channelADC input 4
Clock Pins
XIN
-
74
I
Main Crystal Oscillator Input for PLL. 12MHz Crystal
must be used if USB Boot Mode is required. Input
voltage must not exceed VDD_OSC (1.95V max).
XOUT
-
75
O
Main Crystal Oscillator Output for PLL
XFILT
-
78
AO
PLL filter output
XTIN
-
69
I
Sub Crystal Oscillator Input. 32.768kHz is recommended.
Input voltage must not exceed VDD_OSC (1.95V max).
XTOUT
-
70
O
Sub Crystal Oscillator Output
Mode Control Pins
MODE1
-
98
I
Mode Setting Input 1. Pull-down for normal operation.
PKG1
-
89
I
Package ID1, Pull-up for normal operation.
nRESET
-
72
I
System Reset. Active low.
JTAG Interface Pins
TDI
-
99
I
JTAG serial data input forARM940T
TMS
-
100
I
JTAG test mode select forARM940T
TCK
-
101
I
JTAG test clock forARM940T
TDO
-
102
I/O
JTAG serial data output for ARM940T. External pull-up resistor is
required to prevent floating during normal operation.
nTRST
-
103
I
JTAG reset signal forARM940T. Active low.
Power Pins
VDDIO
-
112
76
33
16
PWR
Digital Power for I/O (1.8V ~ 3.3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com