Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 87Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 88Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 89Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 90Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 91Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 92Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 93Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 94Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 95Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
TIMER / COUNTER
Preliminary
6-3
Timer/Counter n Configuration Register (TCFGn)
0x80000200 + (0x10 * n)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
CC
POL
TCKSEL
IEN
PWM CON
EN
CC [8]
Clear Count
0
TCNTn is not cleared.
1
TCNTn is cleared to zero.
POL [7]
TCK Polarity
0
TCNTn is incremented at rising edge of the selected counting clock
1
TCNTn is incremented at falling edge of the selected counting
clock
TCKSEL
[6:4]
TCK Select
k = 0 ~ 4
TCK is internally generated from divider circuit. It is driven by TCLK,
and this value determines the division factor of this circuit. Division
factor is 2(k+1).
k = 5, 6
TCK is internally generated from divider circuit. It is driven by TCLK,
and this value determines the division factor of this circuit. Division
factor is 22k
k = 7
TCK is the external pin shared by external interrupt signal. In the
TCC76x, there are 4 external pins for this purpose, so this configuration
is valid only for timer/counter 3 ~ 0. (not for timer/counter 5, 4)
IEN [3]
Interrupt Enable
1
Enable Timer/Counter interrupt
0
Disable Timer/Counter interrupt
PWM [2]
PWM Mode Enable
1
Enable PWM mode
Timer/Counter output is changed at every time the TCNTn is equal to
TREFn and TMREFn value. It can be used to generate PWM
waveform, by changing TMREFn while fixing TREFn. (where, TREFn
> TMREFn)
0
Disable PWM mode
Timer/Counter output can be changed only when the TCNTn is equal
to TREFn.
It can be used to generate a rectangular pulse of variable frequency.
The output of 6 Timer/Counters can be monitored through GPIO_A ports.
Refer to GPIO chapter for more information.
CON [1]
Continue Counting
0
When the TCNTn is reached to TREFn, TCNTn restarts counting
from 0 at the next pulse of selected clock source.
1
The TCNTn continues counting from the TREFn.
EN [0]
Timer/Counter Enable
1
Timer counter is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com