Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 101 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 101 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 97Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 98Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 99Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 100Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 101Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 102Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 103Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 104Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 105Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
GPIO PORT
Preliminary
7-3
GPIO_A Function Select Register (GSEL_A)
0x80000308
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
PD[15:0]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
GS2[2:0]
-
GS1[2:0]
-
GS0[2:0]
If a bit is set to 1, the corresponding GPIO_A pin is used by the other dedicated
peripherals. The dedicated peripherals for these GPIO_A pins are LCD controller, and
three of four GSIO ports.
PD[15:0]
GPIO_A[31:16] Function Select
0
GPIO_A[31:16] pin is working as Normal GPIO Function
if bit n = 1
GPIO_A[n+16] : Pixel Data[n] of LCD block
*These fields are valid only in TCC761.
GSn[2:0] GPIO_A[10:8], GPIO_A[6:4], GPIO_A[2:0] Function
0
GPIO_A[10:8], GPIO_A[6:4], GPIO_A[2:0] pin is working as Normal
GPIO Function
GS2[2] = 1
GS2[1] = 1
GS2[0] = 1
GPIO_A[10] : FRM signal of GSIO2 block
GPIO_A[ 9] : SCK signal of GSIO2 block
GPIO_A[ 8] : SDO signal of GSIO2 block
GS1[2] = 1
GS1[1] = 1
GS1[0] = 1
GPIO_A[ 6] : FRM signal of GSIO1 block
GPIO_A[ 5] : SCK signal of GSIO1 block
GPIO_A[ 4] : SDO signal of GSIO1 block
GS0[2] = 1
GS0[1] = 1
GS0[0] = 1
GPIO_A[ 2] : FRM signal of GSIO0 block
GPIO_A[ 1] : SCK signal of GSIO0 block
GPIO_A[ 0] : SDO signal of GSIO0 block
SDI signal for GSIO2, GSIO1, GSIO0 block is always fed through GSIO_A[11],
GSIO_A[7], GSIO_A[3] pin regardless of these GS[2:0] bit. But to use GSIO, these pins
must be set to input mode ahead.
GPIO_A Test Select Register (GTSEL_A)
0x8000030C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
TC2
EX2CLK
TC5 TC1
0
TC4 TC0
0
TC3
If a bit is set to 1, and the corresponding bit of GSEL_A is 0, GPIO_A pin is used by the
other dedicated peripherals. It is used to set the output of timer
TC5 ~ TC0
GPIO_A[11,8,7,4,3,0] Function Select
0
GPIO_A[11,8,7,4,3,0] pin is working as Normal GPIO Function
1
GPIO_A[11,8,7,4,3,0] is the output of six timer/counters
*) These fields are valid only if the corresponding bit of GSEL_A is set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com