Electronic Components Datasheet Search
  English  ▼

X  

TCC76 Datasheet(PDF) 258 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 258 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 251Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 252Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 253Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 254Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 255Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 256Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 257Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 258Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 259Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 258 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
TCC76X VS. TCC72X
Preliminary
25-2
The following tables list the pins changed from the TCC72x. The other power/ground pins not listed in the tables
may have different voltage ranges from the TCC72x. Refer to Table 25.2 for those power pins.
Table 25.3 Pin Comparison – TCC760
Pin #
TCC720
TCC760
Description
71
VDDI
VDD_OSC
Dedicated 1.8V power for crystal oscillator I/O (XIN/XOUT and XTIN/XTOUT)
87
VDDI_aip
VDDI_ADC
ADC core power. (1.8V)
88
VSSI_aip
VSSI_ADC
ADC core ground.
89
VDDA_cdc
PKG1
Package ID1. PKG1 must be tied to VDD.
90
LCH_OUT
GPIO_D15
91
RCH_OUT
GPIO_D16
92
RCH_IN
GPIO_D17
93
MIC_IN
GPIO_D18
Internal pull-up enabled at reset.
94
LCH_IN
GPIO_D19
Internal pull-up enabled at reset.
95
VREF_cdc
GPIO_D20
Internal pull-up enabled at reset.
96
VSSA_cdc
GPIO_D21
Internal pull-up enabled at reset.
Table 25.4 Pin Comparison – TCC761
Pin #
TCC721
TCC761
Description
116
VDDI
VDD_OSC
Dedicated 1.8V power for crystal oscillator I/O (XIN/XOUT and XTIN/XTOUT)
146
VDDI_aip
VDDI_ADC
ADC core power. (1.8V)
147
VSSI_aip
VSSI_ADC
ADC core ground.
148
VSSI_aip
PKG0
Package ID0. PKG0 must be tied to VSS.
149
VDDA_cdc
PKG1
Package ID1. PKG1 must be tied to VDD.
150
LCH_OUT
GPIO_D15
151
RCH_OUT
GPIO_D16
152
RCH_IN
GPIO_D17
153
MIC_IN
GPIO_D18
Internal pull-up enabled at reset.
154
LCH_IN
GPIO_D19
Internal pull-up enabled at reset.
155
VREF_cdc
GPIO_D20
Internal pull-up enabled at reset.
156
VSSA_cdc
GPIO_D21
Internal pull-up enabled at reset.
Table 25.5 Pin Comparison – TCC763/TCC764 Rev. 0
Ball #
TCC723
TCC763/TCC764
Rev. 0
Description
M11
VDDI
VDD_OSC
Dedicated 1.8V power for crystal oscillator I/O (XIN/XOUT and XTIN/XTOUT)
D12
VDDD_aip
VDDI_ADC
ADC core power. (1.8V)
F9
VSSD_aip
VSSI_ADC
ADC core ground.
J7
VSSI
PKG1
Package ID1. PKG1 should be tied to VDD. (“0” may work but not recommended).
A8
ROUT
GPIO_D15
A9
HPGND
GPIO_D16
B9
LOUT
GPIO_D17
Table 25.6 Pin Comparison – TCC763/TCC764 Rev. 1
Ball #
TCC723
TCC763/TCC764
Rev. 1
Description
M11
VDDI
VDD_OSC
Dedicated 1.8V power for crystal oscillator I/O (XIN/XOUT and XTIN/XTOUT)
D12
VDDD_aip
VDDI_ADC
ADC core power. (1.8V)
F9
VSSD_aip
VSSI_ADC
ADC core ground.
J7
VSSI
PKG1
Package ID1. PKG1 should be tied to VDD. (“0” may work but not recommended).
G1
SCLK
GPIO_D15
SCLK is internally connected with GPIO_A[9]
A9
HPGND
GPIO_D16
G2
SDIN
GPIO_D17
SDIN is internally connected with GPIO_A[8]
D2
CSB
GPIO_D18
Internal pull-up enabled at reset. CSB is internally connected with WMODE.
H12
LRCK
GPIO_D19
Internal pull-up enabled at reset. LRCK is internally connected with GPIO_B[22]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com