Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 16 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 12Page - NXP Semiconductors IMX95CEC Datasheet HTML 13Page - NXP Semiconductors IMX95CEC Datasheet HTML 14Page - NXP Semiconductors IMX95CEC Datasheet HTML 15Page - NXP Semiconductors IMX95CEC Datasheet HTML 16Page - NXP Semiconductors IMX95CEC Datasheet HTML 17Page - NXP Semiconductors IMX95CEC Datasheet HTML 18Page - NXP Semiconductors IMX95CEC Datasheet HTML 19Page - NXP Semiconductors IMX95CEC Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 124 page
background image
Table 14. 19 x 19 mm FCBGA thermal resistance data
Rating
Board type[1]
Symbol
Value
Unit
Bare die
Lidded
Junction to Ambient
thermal resistance[2]
JESD51-9, 2s2p
RθJA
13.4
12.3
℃/W
Junction-to-Top of package
thermal characterization parameter[2]
JESD51-9, 2s2p
ψJT
0.1
0.4
℃/W
Junction to Case thermal resistance[3]
JESD51-9, 1s
RθJC
0.2
0.6
℃/W
[1] Thermal test board meets JEDEC specification for this package (JESD51-9).
[2] Determined in accordance to JEDEC JESD51-2A natural convection environment. Thermal resistance data in this report is solely for a thermal performance
comparison of one package to another in a standardized specified environment. It is not meant to predict the performance of a package in an application-
specific environment.
[3] Junction-to-Case thermal resistance determined using an isothermal cold plate. Case temperature refers to the package top side surface.
4.1.4 Power architecture
The i.MX power architecture is designed with the expectation that a dedicated PMIC supplies all required power rails,
ensuring compliance with stringent power-up and power-down sequencing requirements. While discrete component-based
implementations are technically viable, they typically lead to increased BOM cost, greater design complexity, and a larger PCB
footprint. In contrast, the proposed PMIC solution is BOM-optimized, minimizes board area by integrating multiple power functions
into a single package, and simplifies system design by providing a validated, production-tested power management solution that
inherently meets the voltage and sequencing specifications of the i.MX platform.
NVCC_BBSM_1P8 must be powered first and stay until the last.
Majority of the digital logic is supplied with two supplies: VDD_ARM and VDD_SOC.
• VDD_ARM is for the CORTEXAMIX.
• VDD_SOC is for the rest of the modules in SoC.
The VDD_SOC has following modes:
• Overdrive mode
• Nominal mode
• Underdrive mode
• Suspend mode
GPIO interfaces functionally only need to operate at 1.8 V. One exception is the SD card interface, which must support both 1.8
V and 3.3 V (for compatibility with legacy 3.3 V SD cards), as well as the “GPIO” pins that may be connected to a EXPI(2x20-pin
Expansion interface) (which for compatibility with components in the ecosystem need to be able to support 3.3 V, while also
needing to support 1.8 V for 1.8 V-optimized designs).
The DRAM controller and PHY have multiple external power supplies:
Table 15. Power supplies of the DRAM controller and PHY
Power supplies
Modules
VDD_SOC
SoC synthesized DRAM controller digital logic
VDD_ANA_0P8/VDD_DDR_0P8
DRAM PLL and PHY digital logic
VDD_ANA_1P8
DRAM PLL and PHY analog circuitry
Table continues on the next page...
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 7 April 2026
Document feedback
16 / 124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com