Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 96 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 92Page - NXP Semiconductors IMX95CEC Datasheet HTML 93Page - NXP Semiconductors IMX95CEC Datasheet HTML 94Page - NXP Semiconductors IMX95CEC Datasheet HTML 95Page - NXP Semiconductors IMX95CEC Datasheet HTML 96Page - NXP Semiconductors IMX95CEC Datasheet HTML 97Page - NXP Semiconductors IMX95CEC Datasheet HTML 98Page - NXP Semiconductors IMX95CEC Datasheet HTML 99Page - NXP Semiconductors IMX95CEC Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 124 page
background image
Table 104. SD1/SD3_* PAD muxing...continued
Signal name
Pad name
FlexSPIA_DATA1
SD3_DATA1
FlexSPIA_DATA2
SD3_DATA2
FlexSPIA_DATA3
SD3_DATA3
4.18.2 FlexSPI DC electrical characteristics
Table 105. FlexSPI DC electrical characteristics
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VIH
Input high voltage
0.7 x
NVCC_x
xx
—
—
V
The min VIL and max
VIH values are based
on the respective
min and max
OVIN values found
in Recommended
Operating Conditions.
—
VIL
Input low voltage
—
—
0.3 x
NVCC_x
xx
V
The min VIL and max
VIH values are based
on the respective
min and max
OVIN values found
in Recommended
Operating Conditions.
—
VOH
Output low voltage
(IOH = 100 µA)
0.85 x
NVCC_x
xx
—
—
V
—
—
VOL
Output high voltage
(IOH = -100 µA)
—
—
0.15 x
NVCC_x
xx
V
—
—
IIN
Input current
—
—
±50
µA
(0V ≤ VIN ≤
OVDD) The symbol
OVIN represents the
input voltage of
the supply referenced
in Recommended
Operating Conditions
—
4.18.3 FlexSPI input/read timing
There are four sources for the internal sample clock for FlexSPI read data:
• Dummy read strobe generated by FlexSPI controller and looped back internally (FlexSPI
n_MCR0[RXCLKSRC] = 0x0)
• Dummy read strobe generated by FlexSPI controller and looped back through the DQS pad (FlexSPI
n_MCR0[RXCLKSRC]
= 0x1)
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 8 — 7 April 2026
Document feedback
96 / 124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com